Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD82 Datasheet(PDF) 2 Page - LightGraphix

Part # LD82
Description  High power surface mounted miniature LED spotlight
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD82 Datasheet(HTML) 2 Page - LightGraphix

  LD82 Datasheet HTML 1Page - LightGraphix LD82 Datasheet HTML 2Page - LightGraphix LD82 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 19 March 2024
LD82
High power surface mounted miniature LED spotlight
Data sheet - Page 2
/M3
Method 3 - is designed for lighting pictures and signs. The range of LightGraphix optics allow the specifier the control and soft edged beam required to light pictures
effectively. The arm is height adjustable with the use of the fixing bracket.
Method Three
Method Four
200
85°
37
Ø29
DIM
260 Standard Length
Ø8
Ø8
DIM
36
32
37
Ø29
90° Tilt
90° Tilt
LD82-PL1
Ø30
23.5
Ø23
1
50
37
Ø29
80° Tilt
LD82-SMB51
53
37
Ø29
80° Tilt
Ø55
16
500 MAX FROM EDGE OF
MOUNTING SURFACE TO
END OF FITTING
6
53.7
37
Ø29
/M1
Method 1 - has no visible fixings. The stem and spotlight are fixed to the mounting
surface via an M8 thread and nut. Cables exit from this point as well. Specify DIM
(please note this does not include the height of the LED head).
Method One
90° Tilt
Ø29
DIM
100 MIN
1000 MAX
Ø25
M8
Thread
37
Ø13
20
Method Two
90° Tilt
7
Ø40.5
DIM
100 MIN
1000 MAX
37
Ø29
Ø13
Ø8
50
33.5
80° Tilt
47.5
Mounting Options and Dimensions
/M2
Method 2 - supplied with surface mount base which is suited to applications
where there is no access to the underside of the mounting surface. Specify DIM
(please note this does not include the height of the head)
Method One
90° Tilt
Ø29
DIM
100 MIN
1000 MAX
Ø25
M8
Thread
37
Ø13
20
Method Two
90° Tilt
7
Ø40.5
DIM
100 MIN
1000 MAX
37
Ø29
Ø13
Ø8
50
33.5
80° Tilt
47.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com