Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD82 Datasheet(PDF) 3 Page - LightGraphix

Part # LD82
Description  High power surface mounted miniature LED spotlight
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD82 Datasheet(HTML) 3 Page - LightGraphix

  LD82 Datasheet HTML 1Page - LightGraphix LD82 Datasheet HTML 2Page - LightGraphix LD82 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 19 March 2024
LD82
High power surface mounted miniature LED spotlight
Data sheet - Page 3
/PL1
PL1 is a very discreet method of mounting a single spotlight into the base or side
of a cabinet or showcase.
Scaled Drawings.
60%
6
53
37
Ø29
LD82-PL1
Ø30
23.5
Ø23
1
50
37
Ø29
80° Tilt
Mounting method and accessories
Method 1
Method 2
Method 3
Method 4
PL1
Surface mount base
Cowl
/M1
/M2
/M3
/M4
/PL1
/SMB
/CO
Product codes with output options
1.2W LED at 350mA
1.7W LED at 500mA
2.4W LED at 700mA
LD82-C1-350
LD82-C1-500
LD82-C1-700
Beam / lens angle options
12° narrow spot
34° medium
55° Wide
12° x 36° oval beam
/NB
/MB
/WB
/OB
Finish options
Paint finish silver / black / white (RAL 9016) / antique bronze / satin antique brass /
satin brass / RAL finish
Use with 350mA, 500mA or 700mA constant current LED drivers
We have a wide range of dimmable LED drivers, 0-10V, DMX, DALI and Mains
dimmable. Please see the downloads section on our website:
To run 1-14 LD82-C1-350 in series use a TXDEL350D (0-10V dimmable)
To run 1-14 LD82-C1-500 in series use a TXDEL500D (0-10V dimmable)
To run 1-13 LD82-C1-700 in series use a TXDEL700D (0-10V dimmable)
LED colour options
Suffix
Super Warm White (2200K)
Extra Warm White (2700K)
Warm white (3000K)
White (4000K) - on request
Cool White (5000K)
*Other LED colour temperatures are available. Please speak to a member of our sales team.
/LW22
/LW27
/LW30
/LW40
/LW50
Product code
LED
colour
Lens
angle
Finish
LD82-C1 - 350
- 500
- 700
Mounting
method
Order Codes and Options
Length
Example: LD82-C1-700 / LW30 / MB / Black Anodised / M1 / 500mm
Photometric files are included in the design pack which can be downloaded from
the LD82 product page on the website.
Photometrics
/M4
Method 4 - is for fixing to an interior ledge, shelf or bookcase. The arm is length
adjustable with the use of the fixing bracket. Specify DIM.
Method Three
Method Four
200
85°
37
Ø29
DIM
260 Standard Length
Ø8
Ø8
DIM
36
32
37
Ø29
90° Tilt
90° Tilt
LD82-PL1
Ø30
23.5
Ø23
1
50
37
Ø29
80° Tilt
LD82-SMB51
53
37
Ø29
80° Tilt
Ø55
16
500 MAX FROM EDGE OF
MOUNTING SURFACE TO
END OF FITTING
6
53.7
37
Ø29
Method Three
Method Four
200
85°
37
Ø29
DIM
260 Standard Length
Ø8
Ø8
DIM
36
32
37
Ø29
90° Tilt
90° Tilt
LD82-PL1
Ø30
23.5
Ø23
1
50
37
Ø29
80° Tilt
LD82-SMB51
53
37
Ø29
80° Tilt
Ø55
16
500 MAX FROM EDGE OF
MOUNTING SURFACE TO
END OF FITTING
6
53.7
37
Ø29
53.7
37
Ø29
80° Tilt
Ø55
16
53.7
37
Ø29
80° Tilt
Ø55
16
48
25
10
Ø5
LD82-SMB51
53
37
Ø29
80° Tilt
Ø55
16
53
33.5
80° Tilt
47.5
10
LD82-CO82
/SMB
Surface mount base offers hidden wiring and a machined pivot arm with lockable
tilt and rotation.
/CO
The cowl is securely fitted to the LD82 with the aid of an O-ring.
53.7
37
Ø29
80° Tilt
Ø55
16
53.7
37
Ø29
80° Tilt
Ø55
16
48
25
10
Ø5
LD82-SMB51
53
37
Ø29
80° Tilt
Ø55
16
53
33.5
80° Tilt
47.5
10
LD82-CO82
Accessories



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com