Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD82 Datasheet(PDF) 1 Page - LightGraphix

Part # LD82
Description  High power surface mounted miniature LED spotlight
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD82 Datasheet(HTML) 1 Page - LightGraphix

  LD82 Datasheet HTML 1Page - LightGraphix LD82 Datasheet HTML 2Page - LightGraphix LD82 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 19 March 2024
The LD82 is a high power, miniature, adjustable LED spotlight. The knuckle attaches to the body from the side making it ideal for instances where a single spotlight is
needed. A wide range of mounting methods are available with each being custom made to each projects requirements. This allows the designer to tailor the lighting layout
for each display. The best method of specification for these spotlights and mounting systems is to send us a sketch of what is required. This can then be discussed and we
will produce a project specification and quote.
Key Features
LD82
High power surface mounted miniature LED spotlight
Data sheet - Page 1
Applications
Beam Angles
12°, 34°, 55°, 12° x 36°
LED type
1 x C1 Engine with NICHIA LED
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Drive Current (mA)
350
500
700
LED power* (W)
1.2W
1.7W
2.4W
CRI (typical)
93
93
93
Forward voltage (V)100
3.0V
3.2V
3.4V
Delivered lumens** (L100)
113
148
197
Lumens per circuit watt
95
87
82
LED lifetime
L90B5 at 90,000hrs
Materials
Anodised aluminium body
Wiring
Comes pre-wired with 2 core 120mm lead,
can be specified with up to 10m at extra cost
IP rating
IP40
*LED wattage includes losses associated with using an 85% efficient driver
** Lumen output data applies to all colour temperatures.
Specification
Utilizes the latest LED technology with a typical CRI of 93 in warm white
Broad range of uses including display, picture and sign lighting
Knuckle joint allows great flexibility in adjustment
Custom made to suit exact specified dimensions
New high efficiency optics specially designed for LightGraphix
Excellent beam spread and shape
4 different beam angles available
Range of finishes
Available with Switch, 0-10V, DMX, Dali or Mains dimmable drivers
-
-
-
-
-
-
-
-
-


Similar Part No. - LD82

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD8200A LEADTREND-LD8200A Datasheet
657Kb / 1P
USB Type-C Current Advertisement Controller
REV. 00
LD8200AGL LEADTREND-LD8200AGL Datasheet
657Kb / 1P
USB Type-C Current Advertisement Controller
REV. 00
LD8200S LEADTREND-LD8200S Datasheet
563Kb / 12P
USB Type-C Current Advertisement Controller
LD8200SGL LEADTREND-LD8200SGL Datasheet
563Kb / 12P
USB Type-C Current Advertisement Controller
logo
Rochester Electronics
LD8251A ROCHESTER-LD8251A Datasheet
642Kb / 11P
PROGRAMMABLE COMMUNICATION INTERFACE 28-Pin DIP Package
More results

Similar Description - LD82

ManufacturerPart #DatasheetDescription
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
SHENZHEN FUMAN ELECTRON...
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
LED power spotlight driver IC
FM7124MB FUMAN-FM7124MB Datasheet
256Kb / 9P
LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
LED power spotlight driver IC
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com