Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD96 Datasheet(PDF) 2 Page - LightGraphix

Part # LD96
Description  Miniature Wall Mounted Double LED Up or Down W all Washer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD96 Datasheet(HTML) 2 Page - LightGraphix

  LD96 Datasheet HTML 1Page - LightGraphix LD96 Datasheet HTML 2Page - LightGraphix LD96 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 2
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 11 April 2022
700
mA
Applications
LD96 can be used in a wide variety of situations, internally and externally. Differing
beam angles can be utilised on opposing sides of the LD96 in order to create a
variety of lighting effects.
LD96
Miniature Wall Mounted Double LED Up or Down Wall Washer
IP66
Accessories
/GS - Glare shield
Connections
The LD96 has been designed with enough room inside for a connection to be made
to a first fix cable, and the remote drivers. It is supplied with two 3M ScotchlokTM
connectors, which are IP rated for exterior waterproof applications.
An optional glare shield is available for the LD96 to further reduce glare from the
LED and optic. This does not reduce the light on the lit surface (wall) but will cut out
some light onto the ceiling or floor.
Photometric files (LDT) are included in the design pack which can be
downloaded from the LD96 product page on the website.
Cone Diagrams
Wide Beam
700mA using a 48° optic
Medium Beam
700mA using a 31° optic
Narrow Beam
700mA using a 12° optic
LD1080-700 / LW30 / NB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.20
0.40
0.55
0.70
0.90
1.10
22020
5499
2447
1376
881
611
0.5
1.0
1.5
2.0
2.5
3.0
0.25
0.50
0.75
1.00
1.25
1.50
11416
2854
1268
713
457
317
LD1080-700 / LW30 / MB (28°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.45
0.70
1.10
1.50
1.85
2.20
5704
1426
634
357
228
158
LD1080-700 / LW30 / WB (41°)
Distance (m)
Cone Width (m)
Luminance (lx)
COB
XPG2 (Single)
LD72-700 / LW30 / NB (12°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.17
4743
0.35
1186
0.52
0.70
0.87
1.05
527
296
190
132
0.5
1.0
1.5
2.0
2.5
3.0
0.27
0.55
0.82
1.09
1.37
1.64
2199
550
244
137
88
61
LD72-700 / LW30 / MB (31°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.46
0.91
1.37
1.82
2.28
2.73
1169
292
130
73
47
32
LD72-700 / LW30 / WB (48°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.26 / 0.16
0.59 / 0.33
0.88 / 0.49
1.18 / 0.66
1.47 / 0.82
1.77 / 0.98
2944
736
327
184
118
82
LD72-700 / LW30 / OB (36 x 12°)
Distance (m)
Cone Width (m)
Luminance (lx)
Cone diagrams below are based on a 3000K LED run at maximum output 700mA.
LD1080-700 / LW30 / NB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.20
0.40
0.55
0.70
0.90
1.10
22020
5499
2447
1376
881
611
0.5
1.0
1.5
2.0
2.5
3.0
0.25
0.50
0.75
1.00
1.25
1.50
11416
2854
1268
713
457
317
LD1080-700 / LW30 / MB (28°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.45
0.70
1.10
1.50
1.85
2.20
5704
1426
634
357
228
158
LD1080-700 / LW30 / WB (41°)
Distance (m)
Cone Width (m)
Luminance (lx)
COB
XPG2 (Single)
LD72-700 / LW30 / NB (12°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.17
4743
0.35
1186
0.52
0.70
0.87
1.05
527
296
190
132
0.5
1.0
1.5
2.0
2.5
3.0
0.27
0.55
0.82
1.09
1.37
1.64
2199
550
244
137
88
61
LD72-700 / LW30 / MB (31°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.46
0.91
1.37
1.82
2.28
2.73
1169
292
130
73
47
32
LD72-700 / LW30 / WB (48°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.26 / 0.16
0.59 / 0.33
0.88 / 0.49
1.18 / 0.66
1.47 / 0.82
1.77 / 0.98
2944
736
327
184
118
82
LD72-700 / LW30 / OB (36 x 12°)
Distance (m)
Cone Width (m)
Luminance (lx)
LD1080-700 / LW30 / NB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.20
0.40
0.55
0.70
0.90
1.10
22020
5499
2447
1376
881
611
0.5
1.0
1.5
2.0
2.5
3.0
0.25
0.50
0.75
1.00
1.25
1.50
11416
2854
1268
713
457
317
LD1080-700 / LW30 / MB (28°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.45
0.70
1.10
1.50
1.85
2.20
5704
1426
634
357
228
158
LD1080-700 / LW30 / WB (41°)
Distance (m)
Cone Width (m)
Luminance (lx)
COB
XPG2 (Single)
LD72-700 / LW30 / NB (12°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.17
4743
0.35
1186
0.52
0.70
0.87
1.05
527
296
190
132
0.5
1.0
1.5
2.0
2.5
3.0
0.27
0.55
0.82
1.09
1.37
1.64
2199
550
244
137
88
61
LD72-700 / LW30 / MB (31°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.46
0.91
1.37
1.82
2.28
2.73
1169
292
130
73
47
32
LD72-700 / LW30 / WB (48°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.26 / 0.16
0.59 / 0.33
0.88 / 0.49
1.18 / 0.66
1.47 / 0.82
1.77 / 0.98
2944
736
327
184
118
82
LD72-700 / LW30 / OB (36 x 12°)
Distance (m)
Cone Width (m)
Luminance (lx)
Oval Beam
700mA using a 12° x 36° optic
LD1080-700 / LW30 / NB (19°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.20
0.40
0.55
0.70
0.90
1.10
22020
5499
2447
1376
881
611
0.5
1.0
1.5
2.0
2.5
3.0
0.25
0.50
0.75
1.00
1.25
1.50
11416
2854
1268
713
457
317
LD1080-700 / LW30 / MB (28°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.45
0.70
1.10
1.50
1.85
2.20
5704
1426
634
357
228
158
LD1080-700 / LW30 / WB (41°)
Distance (m)
Cone Width (m)
Luminance (lx)
COB
XPG2 (Single)
LD72-700 / LW30 / NB (12°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.17
4743
0.35
1186
0.52
0.70
0.87
1.05
527
296
190
132
0.5
1.0
1.5
2.0
2.5
3.0
0.27
0.55
0.82
1.09
1.37
1.64
2199
550
244
137
88
61
LD72-700 / LW30 / MB (31°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.46
0.91
1.37
1.82
2.28
2.73
1169
292
130
73
47
32
LD72-700 / LW30 / WB (48°)
Distance (m)
Cone Width (m)
Luminance (lx)
0.5
1.0
1.5
2.0
2.5
3.0
0.26 / 0.16
0.59 / 0.33
0.88 / 0.49
1.18 / 0.66
1.47 / 0.82
1.77 / 0.98
2944
736
327
184
118
82
LD72-700 / LW30 / OB (36 x 12°)
Distance (m)
Cone Width (m)
Luminance (lx)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com