Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD96 Datasheet(PDF) 3 Page - LightGraphix

Part # LD96
Description  Miniature Wall Mounted Double LED Up or Down W all Washer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD96 Datasheet(HTML) 3 Page - LightGraphix

  LD96 Datasheet HTML 1Page - LightGraphix LD96 Datasheet HTML 2Page - LightGraphix LD96 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 3
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 11 April 2022
700
mA
Product codes with output options
2.4W LED at 350mA
LD96-C1-350
3.4W LED at 500mA
LD96-C1-500
4.8W LED at 700mA
LD96-C1-700
LED colour options
Super Warm White (2200K)
/LW22
Extra Warm White (2700K)
/LW27
Warm White (3000K)
/LW30
White (4000K)
/LW40
Cool White (5000K)
/LW50
*Other LED colour temperatures are available. Please speak to a member of our sales team.
Beam / lens angle options
12° narrow
/NB
31° medium
/MB
48° wide
/WB
12° x 36° oval
/OB
Different beam angle at each end
/**/**
Accessory
Glare shield (GS56T)
/GS
Finish options
Paint finish silver / black / white (RAL 9016) / antique bronze / satin antique brass /
satin brass / RAL finish
Use with 350mA, 500mA and 700mA constant current LED drivers
We have a wide range of dimmable LED drivers, 0-10V, DMX, DALI and Mains
dimmable.
Please see the downloads section on our website:
To run 1-7 LD96-C1-350 in series use a TXDEL350D (0-10V dimmable)
To run 1-7 LD96-C1-500 in series use a TXDEL500D (0-10V dimmable)
To run 1-6 LD96-C1-700 in series use a TXDEL700D (0-10V dimmable)
Product
code
LED
colour
Example: LD96-C1-700 / LW30 / MB / GS / White
Lens
angle
Finish
Order Codes and Options
LD96-C1- 350
- 500
- 700
Accessory
LD96
Miniature Wall Mounted Double LED Up or Down Wall Washer
IP66
ACCESSORY
Glare shield has been
designed to reduce glare
but not effect output on lit
surface
LED
2x NICHIA C1 with on
board reverse polarity
protection
OPTIC
High efficiency optics
with a range of beam
angles to create the
perfect effect
BODY
Machined and iridited
body with paint finish
white (RAL 9016)/
black / RAL
Product Parts
/NB - 12° narrow
Lens Options
/MB - 31° medium
/WB - 48° wide
/OB - 36° x 12° oval
/NB /OB - 12° narrow /
36° x 12° oval
OPTIC HOLDER
Matt black anodised for
low glare
FIXING
M4 grub screws
clamp down on the
bracket to secure the
fitting to the wall



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com