Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD96 Datasheet(PDF) 1 Page - LightGraphix

Part # LD96
Description  Miniature Wall Mounted Double LED Up or Down W all Washer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD96 Datasheet(HTML) 1 Page - LightGraphix

  LD96 Datasheet HTML 1Page - LightGraphix LD96 Datasheet HTML 2Page - LightGraphix LD96 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 1
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 11 April 2022
LD96
Miniature Wall Mounted Double LED Up or Down Wall Washer
The LD96 is a miniature version of the LD10236 up and down wall washer. Its
minimal design allows it to blend seamlessly into most project styles, and will
fit into the smallest of features. A choice of beam angles and LED colours offers
the designer a range of uses, as well as providing the opportunity to use differing
optics on opposite side of the product. The small but very robust body is machined
from a solid billet of aluminium, and incorporates an integral anti-wicking barrier
for added protection. The fitting is available with a choice of switch, 0-10V, DMX,
Dali or mains dimmable remote drivers.
Key Features
Specification
Excellent diffused beam shape from a range of optics
High output from a very small fitting
Reverse polarity protection
Optional glare shield accessory
Optimal spacing from mounting surface
Typical 93 CRI in 3000K warm white
Integral anti-wicking barrier provides increased protection against moisture
Range of finishes available
Variable output options
Machined from a solid billet of aluminium
Available with Switch, 0-10V, DMX, Dali or Mains dimmable drivers
-
-
-
-
-
-
-
-
-
-
-
700
mA
Applications
Beam Angles
12°, 31°, 48°, 12° x 36°
LED type
1 x C1 Engine with NICHIA LED
Please note, data below is for 2 LEDs
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Drive Current (mA)
350
500
700
LED power* (W)
2.4W
3.4W
4.8W
CRI (typical)
93
93
93
Forward voltage (V)100
6.0V
6.4V
6.8V
Delivered lumens** (L100) 212
276
354
Lumens per circuit watt
176
162
148
LED lifetime
L90B5 at 90,000hrs
Materials
Machined and iridited aluminium body, with a
black anodised bezel
Glass
1mm thick low iron glass
Wiring
Comes pre-wired with 2 single 100mm leads,
can be specified with up to 10m at extra cost
IP rating
IP66
*LED wattage includes losses associated with using an 85% efficient driver
** Lumen output data applies to all colour temperatures.
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
8.5
5
30
37
40
15
60
46
83
60
12
12
Dimensions
46
60
Top View
Side View
Bracket
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
50
83
60
46
8.5
5
30
37
40
15
12
40
30
15
5
8.5
37
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
8.5
5
30
37
40
15
60
46
83
60
12
12
83
60
12
12
IP66


Similar Part No. - LD96

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD90F7S-A SENSORTECHNICS-LD90F7S-A Datasheet
563Kb / 4P
Quantum Semiconductor International Co., Ltd.
logo
Leadtrend Technology
LD9162K LEADTREND-LD9162K Datasheet
1,002Kb / 17P
Primary Side Quasi-Resonant Controller with MOSFET Integrated
REV. 00
LD9162KGS LEADTREND-LD9162KGS Datasheet
1,002Kb / 17P
Primary Side Quasi-Resonant Controller with MOSFET Integrated
REV. 00
logo
LightGraphix
LD95 LIGHTGRAPHIX-LD95 Datasheet
1Mb / 3P
Miniature Floor or Ceiling Mounted Spotlight
11 April 2022
logo
Leadtrend Technology
LD9532 LEADTREND-LD9532 Datasheet
979Kb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
More results

Similar Description - LD96

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
Sep-1988
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
Sep-2002
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
XFMRS Inc.
XFGIG8T-CLXU1-4MS XFMRS-XFGIG8T-CLXU1-4MS Datasheet
111Kb / 2P
TAB DOWN GIGABIT W/LED CMBO
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-3041 AVAGO-AMMC-3041 Datasheet
520Kb / 5P
Up or Down Conversion
logo
Ledil, Inc.
C14346 LEDIL-C14346 Datasheet
17Mb / 19P
Asymmetric wall-washer beam
logo
Schneider Electric
XB5FW35B5C0 SCHNEIDER-XB5FW35B5C0 Datasheet
143Kb / 10P
flush mounted or flush caps ill. pb w/ LED 24VAC 1NO1NC screw cp grey
May 24, 2021
XB5FW35G5C0 SCHNEIDER-XB5FW35G5C0 Datasheet
143Kb / 10P
flush mounted or flush caps ill. pb w/ LED 120VAC 1NO1NC screw cp grey
May 24, 2021
XB5FW35M5C0 SCHNEIDER-XB5FW35M5C0 Datasheet
143Kb / 10P
flush mounted or flush caps ill. pb w/ LED 230VAC 1NO1NC screw cp grey
May 24, 2021
logo
EnOcean GmbH.
EOSWA ENOCEAN-EOSWA Datasheet
198Kb / 2P
Occupancy Sensor Wall Mounted
v2.3 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com