Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSF1 Datasheet(PDF) 16 Page - Clarke International

Part # HSF1
Description  NO GAS INVERTER MIG WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 16 Page - Clarke International

Back Button HSF1 Datasheet HTML 12Page - Clarke International HSF1 Datasheet HTML 13Page - Clarke International HSF1 Datasheet HTML 14Page - Clarke International HSF1 Datasheet HTML 15Page - Clarke International HSF1 Datasheet HTML 16Page - Clarke International HSF1 Datasheet HTML 17Page - Clarke International HSF1 Datasheet HTML 18Page - Clarke International HSF1 Datasheet HTML 19Page - Clarke International HSF1 Datasheet HTML 20Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATING THE WELDER
PREPARING THE WORKPIECE
The area being welded should be perfectly clean. Any coating, plating or corrosion
must be removed, otherwise a good weld will be impossible to achieve.
Attach the earth clamp to the workpiece as close to the point of weld as possible,
without it being intrusive.
OPERATION
1. The table below is displayed on the welder control panel. Adjust the Welding
Voltage and Wire Speed controls according to the task.
2. Plug the machine into the mains supply and switch on.
3. With the welding current set and the wire trimmed, set the wire feed control to an
intermediate setting.
4. Cover your face with a welding mask or welding helmet.
• This is essential.
5. Lower the torch to the workpiece with one hand and approach the work with the
torch tip at an angle of about 35o and pull the trigger fully.
• As the wire touches the workpiece an arc will be struck.
6. In order to produce a satisfactory weld, the controls may be fine tuned as
required. This will come with practice.
NOTE: MIG welding is an acquired skill. It is strongly advised that, if you are
not fully familiar with this type of welding, you practice on a piece of
material with the same characteristics as your workpiece until you are
satisfied with the result, and you have fine tuned your welder to
produce a satisfactory weld.
NOTE: One of the problems experienced with novice welders is the welding
wire sticking to the contact tip. This is as a result of the wire feed speed
being too slow. It is always better therefore to start with too high a
CAUTION: THE DUTY CYCLE MUST BE ADHERED IN ORDER TO PREVENT
THE THERMAL OVERLOAD PROTECTION FROM ACTIVATING
Workpiece thickness
-/- mm
1
2
3
4
Output voltage control
0.9
A-B
B-F
D-J
I-J
Wire Speed control
0-1
1-4
3-9
7-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com