Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSF1 Datasheet(PDF) 22 Page - Clarke International

Part # HSF1
Description  NO GAS INVERTER MIG WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 22 Page - Clarke International

Back Button HSF1 Datasheet HTML 18Page - Clarke International HSF1 Datasheet HTML 19Page - Clarke International HSF1 Datasheet HTML 20Page - Clarke International HSF1 Datasheet HTML 21Page - Clarke International HSF1 Datasheet HTML 22Page - Clarke International HSF1 Datasheet HTML 23Page - Clarke International HSF1 Datasheet HTML 24Page - Clarke International HSF1 Datasheet HTML 25Page - Clarke International HSF1 Datasheet HTML 26Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
RATING PLATE
1
Model number
10
Rated Welding Current symbol
2
Part number
11
Load Voltage symbol
3
Single phase transformer-rectifier
12
Rated supply voltage
4
British Standards applied
13
Energy Input symbol
5
Welding Current symbol - direct cur-
rent.
14
Degree of protection
6
Welding process
15
Rated maximum supply current
7
Min + max welding current and corre-
sponding load voltages
16
Maximum effective supply current
8
Rated no-load voltage
17
Batch number
9
Duty Cycle symbol
18
Name and address of
manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com