Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSF1 Datasheet(PDF) 3 Page - Clarke International

Part # HSF1
Description  NO GAS INVERTER MIG WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 3 Page - Clarke International

  HSF1 Datasheet HTML 1Page - Clarke International HSF1 Datasheet HTML 2Page - Clarke International HSF1 Datasheet HTML 3Page - Clarke International HSF1 Datasheet HTML 4Page - Clarke International HSF1 Datasheet HTML 5Page - Clarke International HSF1 Datasheet HTML 6Page - Clarke International HSF1 Datasheet HTML 7Page - Clarke International HSF1 Datasheet HTML 8Page - Clarke International HSF1 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS FOR ALL TYPES OF
WELDING
FAILURE TO FOLLOW THESE RULES MAY RESULT IN SERIOUS PERSONAL
INJURY.
GENERAL PRECAUTIONS
A) BURN PREVENTION
Wear protective clothing - gauntlet gloves designed for use in welding, apron, and
protective shoes. Button shirt collars and pocket flaps and wear cuffless trousers to
avoid entry of sparks and slag. Wear a helmet with safety goggles or glasses with side
shields underneath, appropriate filter lenses or plates (protected by clear glass). This
is a MUST for welding (and chipping) to protect the eyes from radiant energy and
spatter. Replace the cover glass when broken, pitted, or spattered. Avoid oily or
greasy clothing. A spark may ignite them. Hot metal should never be handled without
gloves. First aid facilities and a qualified first aid person should be available unless
medical facilities are close by for immediate treatment of flash burns of the eyes and
skin burns. Ear plugs should be worn when working overhead or in a confined space.
A hard hat should be worn when others work overhead. Flammable hair preparations
should not be used by persons intending to weld or cut.
NOTE: ALL protective wear including masks & head shields MUST comply with
PPE Directive 89/686/EEC
B) TOXIC FUME PREVENTION
Severe discomfort, illness or death can result from fumes, vapours, heat, or oxygen
enrichment or depletion that welding (or cutting) may produce. Prevent them with
adequate ventilation. NEVER ventilate with oxygen. Lead-, cadmium-, zinc-, mercury-
and beryllium-, bearing materials, when welded (or cut) may produce harmful
concentrations of toxic fumes. Adequate local exhaust ventilation must be used, or
each person in the area as well as the operator must wear an air-supplied respirator.
For beryllium, both must be used. Metals coated with or containing materials that
emit toxic fumes should not be heated unless coating is removed from the work
surface, the area is well ventilated, or the operator wears an air-supplied respirator.
Work in a confined space only while it is being force ventilated and, if necessary, while
wearing an air-supplied respirator. Vapours from chlorinated solvents can be
decomposed by the heat of the arc (or flame) to form PHOSGENE, a highly toxic gas,
and other lung and eye irritating products. The ultraviolet (radiant) energy of the arc
WARNING: AS WITH ALL MACHINERY, THERE ARE CERTAIN
HAZARDS INVOLVED WITH THEIR OPERATION AND USE.
EXERCISING RESPECT AND CAUTION WILL CONSIDERABLY LESSEN
THE RISK OF PERSONAL INJURY. HOWEVER, IF NORMAL SAFETY
PRECAUTIONS ARE OVERLOOKED, OR IGNORED, PERSONAL INJURY
TO THE OPERATOR MAY RESULT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com