Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD780 Datasheet(PDF) 1 Page - LightGraphix

Part # LD780
Description  FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD780 Datasheet(HTML) 1 Page - LightGraphix

  LD780 Datasheet HTML 1Page - LightGraphix LD780 Datasheet HTML 2Page - LightGraphix LD780 Datasheet HTML 3Page - LightGraphix LD780 Datasheet HTML 4Page - LightGraphix LD780 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 5 | Data sheet issued: 21 May 2026
LD780
>
Very low glare with deep recessed optic set back 26mm
>
Single optic for superior beam shapes with no multiple shadows
>
Compact powerful fitting delivering 433lm in 3000K
>
Tight 12° narrow spot beam available
>
Machined aluminium bezel available in a wide range of finishes; White (RAL 9016),
Black (RAL 9005), Silver, Antique Bronze, Satin Antique Brass, Satin Brass,
Anthracite Grey (RAL 7016) or any RAL paint finish
>
Versatile fitting rated IP65, ideal for interior and exterior projects including marine,
hospitality and residential general downlighting, column and wall washing
>
Features our E3 & F1 LED engines which are used across our uplight and surface
mounted products enabling colour and beam consistency across a project
>
E3 engine features reverse polarity protection
>
F1 COB engine with super warm 2200K option and 90+ CRI
>
Switched, 0-10V, Casambi, DMX, DALI, or Mains dimmable drivers available
For fitting dimensions please go to page 3.
KEY FEATURES
Dimensions in mm
DIMENSIONS
38
60
Ø46
FIXED COMPACT INTERIOR/EXTERIOR
LED DOWNLIGHT
The compact LD780 has an excellent size to output ratio that
is ideal for general downlighting and the highlighting of walls
and columns within interior, exterior and marine applications.
With a diameter of just 46mm, the aluminium bezel can be
specified in a wide range of paint finishes and features a
deep recessed optic within the body to ensure ultimate low
glare. Available LED engines include E3 and F1, offering colour
temperatures of 2200K-5000K and a variety of beam angles,
including a tight 12° narrow beam with medium options for
more general downlighting. Though compact, the LD780
provides brilliant thermal and light output performance,
with a single optic generating a superior beam shape and
no multiple shadows.
LD780


Similar Part No. - LD780

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD782 LIGHTGRAPHIX-LD782 Datasheet
3Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR 2-TONE LED DOWNLIGHT
21 May 2026
LD782-E3-350 LIGHTGRAPHIX-LD782-E3-350 Datasheet
3Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR 2-TONE LED DOWNLIGHT
21 May 2026
LD782-E3-500 LIGHTGRAPHIX-LD782-E3-500 Datasheet
3Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR 2-TONE LED DOWNLIGHT
21 May 2026
LD782-F1-350 LIGHTGRAPHIX-LD782-F1-350 Datasheet
3Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR 2-TONE LED DOWNLIGHT
21 May 2026
LD782-F1-500 LIGHTGRAPHIX-LD782-F1-500 Datasheet
3Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR 2-TONE LED DOWNLIGHT
21 May 2026
More results

Similar Description - LD780

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
LMC-X27-80A-RLA-D DIALIGHT-LMC-X27-80A-RLA-D Datasheet
167Kb / 2P
COMPACT HIGH INTENSITY LED Downlight
SHELW1500 DIALIGHT-SHELW1500 Datasheet
86Kb / 1P
Compact High Intensity LED Downlight
logo
OSRAM GmbH
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com