Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD780 Datasheet(PDF) 5 Page - LightGraphix

Part # LD780
Description  FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD780 Datasheet(HTML) 5 Page - LightGraphix

  LD780 Datasheet HTML 1Page - LightGraphix LD780 Datasheet HTML 2Page - LightGraphix LD780 Datasheet HTML 3Page - LightGraphix LD780 Datasheet HTML 4Page - LightGraphix LD780 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 5 of 5 | Data sheet issued: 21 May 2026
LD780
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS
Example: LD780-E3-500/LW30/NB/Paint finish White
Light Engine & Drive Current
LD780 -
/
/
/
Finish
Beam Angle
LED Colour
Drivers
Use with 350mA, 500mA & 700mA constant current LED drivers
We have a wide range of LED drivers available. Please see the downloads section of our website.
5W LED at 350mA
LD780-E3-350
7W LED at 500mA
LD780-E3-500
12° Narrow spot
/NB
26° Medium
/MB
Paint Finish
White
(RAL 9016)
Paint Finish
Black
(RAL 9005)
Paint Finish
Silver Anodised
Paint Finish
Antique Bronze
Paint Finish
Satin Antique Brass
Paint Finish
Satin Brass
Paint Finish
Anthracite Grey
(RAL 7016)
Paint Finish
RAL
Super Warm White (2200K)
/LW22
Extra Warm White (2700K)
/LW27
Warm White (3000K)
/LW30
White (4000K) - on request
/LW40
Cool White (5000K)
/LW50
E3
3.5W LED at 350mA
LD780-F1-350
5W LED at 500mA
LD780-F1-500
7W LED at 700mA
LD780-F1-700
21° Medium spot
/MSB
28° Medium
/MB
Super Warm White (2200K)
/LW22
Extra Warm White (2700K)
/LW27
Warm White (3000K)
/LW30
White (4000K) - on request
/LW40
Cool White (5000K)
/LW50
F1
Ambient temperature key:
55°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com