Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD780 Datasheet(PDF) 3 Page - LightGraphix

Part # LD780
Description  FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD780 Datasheet(HTML) 3 Page - LightGraphix

  LD780 Datasheet HTML 1Page - LightGraphix LD780 Datasheet HTML 2Page - LightGraphix LD780 Datasheet HTML 3Page - LightGraphix LD780 Datasheet HTML 4Page - LightGraphix LD780 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 3 of 5 | Data sheet issued: 21 May 2026
Ø46
26
60
MIN Recess
70*
Ø41 Cut-out
Ø38
LD780
Please refer to our finishes guide for full details
The LD780 bezel is machined from aluminium and painted in-house at LightGraphix. Wet spray paint finishes are suitable for interior, exterior and high saline marine environments. Our
standard colours are below but we can accommodate any RAL request.
AVAILABLE FINISHES
SATIN ANTIQUE BRASS
SATIN BRASS
ANTHRACITE GREY (RAL 7016)
WHITE (RAL 9016)
BLACK (RAL 9005)
SILVER ANODISED
ANTIQUE BRONZE
RAL
DIMENSIONS & FIXING OPTIONS
2 x spring clips are supplied as standard and provide a simple single-fix mounting method. Suitable for use in surfaces with a thickness of 5mm – 25mm.
Dimensions in mm
*see ceiling requirements table for more information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com