Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-P7LP32-PM Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # GW-P7LP32-PM
Description  DURIS® S 10
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-P7LP32-PM Datasheet(HTML) 1 Page - ams-OSRAM AG

  GW-P7LP32-PM Datasheet HTML 1Page - ams-OSRAM AG GW-P7LP32-PM Datasheet HTML 2Page - ams-OSRAM AG GW-P7LP32-PM Datasheet HTML 3Page - ams-OSRAM AG GW-P7LP32-PM Datasheet HTML 4Page - ams-OSRAM AG GW-P7LP32-PM Datasheet HTML 5Page - ams-OSRAM AG GW-P7LP32-PM Datasheet HTML 6Page - ams-OSRAM AG GW-P7LP32-PM Datasheet HTML 7Page - ams-OSRAM AG GW-P7LP32-PM Datasheet HTML 8Page - ams-OSRAM AG GW-P7LP32-PM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
GW P7LP32.PM
1 Version 1.2 | 2020-03-18
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
GW P7LP32.PM
DURIS® S 10
DURIS® S 10, latest addition of chip-array SMD
family, creates a single spot light design with excel-
lent color uniformity appearance. In a 7.0x7.0mm
footprint, it’s new level of light output makes it a
perfect choice for powerful & cost effective general
lighting solutions.
—
Highbay Industrial
—
Street, Tunnel and Outdoor
Features:
—
Package: white SMT package, colored diffused silicone resin
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color temperature: 4000K - 6500K
—
CRI: 70 (min.)
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)


Similar Part No. - GW-P7LP32-PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GW-P7LP32.CM OSRAM-GW-P7LP32.CM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-P7LP32.EM OSRAM-GW-P7LP32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
More results

Similar Description - GW-P7LP32-PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
Intel Corporation
C10GX51002 INTEL-C10GX51002 Datasheet
666Kb / 62P
Intel® Cyclone® 10 GX Device Datasheet
2022.02.14
logo
ams AG
GWP7LM32.PM AMSCO-GWP7LM32.PM Datasheet
1Mb / 22P
DURIS® S 10, latest addition of chip-array SMD family, creates a single spot light design with excellent color uniformity appearance.
Version 1.2 2020-03-18
GWP9LR35.EM AMSCO-GWP9LR35.EM Datasheet
1Mb / 23P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.1 2021-08-18
GWP9LR35.PM AMSCO-GWP9LR35.PM Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
logo
Lapp.
61811110 LAPP-61811110 Datasheet
119Kb / 2P
SILVYN® KLICK-S
30.08.2019
UDB302402 LAPP-UDB302402 Datasheet
102Kb / 2P
UNITRONIC® 300 S
May 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com