Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2484 Datasheet(PDF) 12 Page - STMicroelectronics

Part # 2N2484
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 2N2484 Datasheet HTML 8Page - STMicroelectronics 2N2484 Datasheet HTML 9Page - STMicroelectronics 2N2484 Datasheet HTML 10Page - STMicroelectronics 2N2484 Datasheet HTML 11Page - STMicroelectronics 2N2484 Datasheet HTML 12Page - STMicroelectronics 2N2484 Datasheet HTML 13Page - STMicroelectronics 2N2484 Datasheet HTML 14Page - STMicroelectronics 2N2484 Datasheet HTML 15Page - STMicroelectronics 2N2484 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MIL-PRF-19500/376E
12
TABLE I. Group A inspection.
MIL-STD-750
Limit
Inspection 1/
Method
Conditions
Symbol
Min
Max
Unit
Subgroup 1 2/
Visual and mechanical
examination 3/
2071
n = 45 devices, c = 0
Solderability 3/ 4/
2026
n = 15 leads, c = 0
Resistance to solvents 3/ 4/ 5/
1022
n = 15 devices, c = 0
Temperature cycling 3/ 4/
1051
Test condition C, 25 cycles.
n = 22 devices, c = 0
Hermetic seal 4/
1071
n = 22 devices, c = 0
Fine leak
Gross leak
Electrical measurements 4/
Group A, subgroup 2
Bond strength 3/ 4/
2037
Precondition TA = +250
°C at
t = 24 hrs or TA = 300
°C at
t = 2 hrs; n = 11 wires, c = 0
Subgroup 2
Collector to emitter breakdown
voltage
3011
Bias condition D; IC = 10 mA dc
pulsed (see 4.5.1)
V(BR)CEO
60
V dc
Collector to base cutoff current
3036
Bias condition D; VCB = 60 V dc
ICBO1
10
µA dc
Emitter to base cutoff current
3061
Bias condition D; VEB = 6 V dc
IEBO1
10
µA dc
Collector to base cutoff current
3036
Bias condition D; VCB = 45 V dc
ICBO2
5
nA dc
Collector to emitter cutoff
current
3041
Bias condition D; VCE = 5 V dc
ICEO
2
nA dc
Emitter to base cutoff current
3061
Bias condition D; VEB = 5 V dc
IEBO2
2
nA dc
Collector to emitter cutoff
current
3041
Bias condition C; VCE = 45 V dc
ICES
5
nA dc
Forward-current transfer ratio
3076
VCE = 5 V dc; IC = 1
µA dc
hFE1
45
See footnote at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com