Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2484 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N2484
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484 Datasheet(HTML) 2 Page - STMicroelectronics

  2N2484 Datasheet HTML 1Page - STMicroelectronics 2N2484 Datasheet HTML 2Page - STMicroelectronics 2N2484 Datasheet HTML 3Page - STMicroelectronics 2N2484 Datasheet HTML 4Page - STMicroelectronics 2N2484 Datasheet HTML 5Page - STMicroelectronics 2N2484 Datasheet HTML 6Page - STMicroelectronics 2N2484 Datasheet HTML 7Page - STMicroelectronics 2N2484 Datasheet HTML 8Page - STMicroelectronics 2N2484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MIL-PRF-19500/376E
2
Dimensions
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
CD
.178
.195
4.52
4.95
CH
.170
.210
4.32
5.33
HD
.209
.230
5.31
5.84
LC
.100 TP
2.54 TP
6
LD
.016
.021
0.41
0.53
7,8
LL
.500
.750
12.7
0
19.05
7,8
LU
.016
.019
0.41
0.48
7,8
L1
---
.050
---
1.27
7,8
L2
.250
---
6.35
---
7,8
Q
---
.040
---
0.86
5
TL
.028
.048
0.71
1.22
3,4
TW
.036
.046
0.91
1.17
3
r
---
.010
---
0.25
10
α
45
° TP
45
° TP
6
NOTES:
1.
Dimension are in inches.
2.
Metric equivalents are given for general information only.
3.
Beyond r (radius) maximum, TW shall be held for a minimum length of .011 (0.28 mm).
4.
Dimension TL measured from maximum HD.
5.
Body contour optional within zone defined by HD, CD, and Q.
6.
Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm) below seating plane shall
be within .007 inch (0.18 mm) radius of true position (TP) at maximum material condition
(MMC) relative to tab at MMC.
7.
Dimension LU applies between L1 and L2. Dimension LD applies between L2 and LL
minimum. Diameter is uncontrolled in L1 and beyond LL minimum.
8.
All three leads.
9.
The collector shall be internally connected to the case.
10.
Dimension r (radius) applies to both inside corners of tab.
11.
In accordance with ANSI Y14.5M, diameters are equivalent to
φx symbology.
12.
Lead 1 = emitter, lead 2 = base, lead 3 = collector.
FIGURE 1. Physical dimensions (similar to TO-18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com