Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2484 Datasheet(PDF) 14 Page - STMicroelectronics

Part # 2N2484
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button 2N2484 Datasheet HTML 10Page - STMicroelectronics 2N2484 Datasheet HTML 11Page - STMicroelectronics 2N2484 Datasheet HTML 12Page - STMicroelectronics 2N2484 Datasheet HTML 13Page - STMicroelectronics 2N2484 Datasheet HTML 14Page - STMicroelectronics 2N2484 Datasheet HTML 15Page - STMicroelectronics 2N2484 Datasheet HTML 16Page - STMicroelectronics 2N2484 Datasheet HTML 17Page - STMicroelectronics 2N2484 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MIL-PRF-19500/376E
14
TABLE I. Group A inspection - Continued.
MIL-STD-750
Limit
Inspection 1/
Method
Conditions
Symbol
Min
Max
Unit
Subgroup 4 - continued.
Small-signal short- circuit
forward current transfer ratio
3206
VCE = 5 V dc; IC = 1 mA dc;
f = 1 kHz
hfe
250
900
Open circuit output
capacitance
3236
VCB = 5 V dc; IE = 0;
100 kHz
≤ f ≤ 1 MHz
Cobo
5.0
pF
Input capacitance (output
open-circuited)
3240
VEB = 0.5 V dc; IC = 0;
100 kHz
≤ f ≤ 1 MHz
Cibo
6.0
pF
Noise figure
3246
f = 100 Hz; VCE = 5 V dc; IC = 10
µA dc; R
g = 10 k
Ω;
NF1
7.5
dB
Noise figure
3246
f = 1 kHz; VCE = 5 V dc; IC = 10
µA dc; R
g = 10 k
Ω;
NF2
3
dB
Noise figure
3246
f = 10 kHz; VCE = 5 V dc; IC = 10
µA dc; R
g = 10 k
Ω;
NF3
2
dB
Noise figure (wideband)
3246
Noise bandwidth = 10 Hz to 15.7
kHz; VCE = 5 V dc; IC = 10
µA dc;
Rg = 10 k
Ω;
NF4
3
dB
Subgroups 5 and 6
Not applicable
Subgroup 7 4/
Decap internal visual (design
verification)
2075
n = 1 device, c = 0
1/ For sampling plan see MIL-PRF-19500.
2/ For resubmission of failed subgroup A1, double the sample size of the failed test or sequence of tests. A
failure in group A, subgroup 1 shall not require retest of the entire subgroup. Only the failed test shall be rerun
upon submission.
3/ Separate samples may be used.
4/ Not required for JANS devices.
5/ Not required for laser marked devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com