Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2484UB Datasheet(PDF) 16 Page - STMicroelectronics

Part # 2N2484UB
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484UB Datasheet(HTML) 16 Page - STMicroelectronics

Back Button 2N2484UB Datasheet HTML 11Page - STMicroelectronics 2N2484UB Datasheet HTML 12Page - STMicroelectronics 2N2484UB Datasheet HTML 13Page - STMicroelectronics 2N2484UB Datasheet HTML 14Page - STMicroelectronics 2N2484UB Datasheet HTML 15Page - STMicroelectronics 2N2484UB Datasheet HTML 16Page - STMicroelectronics 2N2484UB Datasheet HTML 17Page - STMicroelectronics 2N2484UB Datasheet HTML 18Page - STMicroelectronics 2N2484UB Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MIL-PRF-19500/376E
16
TABLE III. Groups B and C delta measurements. 1/ 2/ 3/
Step
Inspection
MIL-STD-750
Symbol
Limit
Unit
Method
Conditions
1
Forward-current transfer
ratio
3076
VCE = 5 V dc; IC = 500
µA dc; pulsed see 4.5.1
4/
∆hFE4
±25 percent change from
initial recorded reading
2.
Collector to emitter
voltage (saturated)
3071
IC = 1.0 mA dc; IB = 100
µA dc
∆VCE(sat)
4/ 5/
±50 mV dc change from
previously measured value.
3.
Collector to emitter
cutoff current
3041
Bias condition C;
VCB = 45 V dc
∆ICES
4/
100 percent of initial value
or 2 nA dc, whichever is
greater.
1/
The delta measurements for group B, table VIa (JANS) of MIL-PRF-19500 are as follows:
a.
Subgroup 4, see table III herein, step 2.
b.
Subgroup 5, see table III herein, steps 1 and 3.
2/
The delta measurements for 4.4.2.2 herein (group B, JAN, JANTX, and JANTXV) are as follows: Steps 2
and 3 of table III shall be performed after each step in 4.4.2.2 herein.
3/
The delta measurements for group C, table VII of MIL-PRF-19500 are as follows: Subgroup 6, see table III
herein, steps 1 and 3 for JANS, step 1 for JAN, JANTX, and JANTXV.
4/
Devices which exceed the group A limits for this test shall not be accepted.
5/
Applies to JANS level only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com