Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2484UB Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N2484UB
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484UB Datasheet(HTML) 3 Page - STMicroelectronics

  2N2484UB Datasheet HTML 1Page - STMicroelectronics 2N2484UB Datasheet HTML 2Page - STMicroelectronics 2N2484UB Datasheet HTML 3Page - STMicroelectronics 2N2484UB Datasheet HTML 4Page - STMicroelectronics 2N2484UB Datasheet HTML 5Page - STMicroelectronics 2N2484UB Datasheet HTML 6Page - STMicroelectronics 2N2484UB Datasheet HTML 7Page - STMicroelectronics 2N2484UB Datasheet HTML 8Page - STMicroelectronics 2N2484UB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MIL-PRF-19500/376E
3
Dimensions
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
A
.061
.075
1.55
1.90
3
A1
.029
.041
0.74
1.04
B1
.022
.028
0.56
0.71
B2
.075 REF
1.91 REF
B3
.006
.022
0.15
0.56
5
D
.145
.155
3.68
3.93
D1
.045
.055
1.14
1.39
D2
.0375 BSC
.952 BSC
D3
---
.155
---
3.93
E
.215
.225
5.46
5.71
E3
---
.225
---
5.71
L1
.032
.048
0.81
1.22
L2
.072
.088
1.83
2.23
L3
.003
.007
0.08
0.18
5
NOTES:
1.
Dimensions are in inches.
2.
Metric equivalents are given for general information only.
3.
Dimension "A" controls the overall package thickness. When a window lid is used, dimension "A" must
increase by a minimum of .010 inch (0.254 mm) and a maximum of .040 inch (1.020 mm).
4.
The corner shape (square, notch, radius, etc.) may vary at the manufacturer's option, from that shown on
the drawing.
5.
Dimensions "B3" minimum and "L3" minimum and the appropriately castellation length define an
unobstructed three-dimensional space traversing all of the ceramic layers in which a castellation was
designed. (Castellations are required on bottom two layers, optional on top ceramic layer.) Dimension
"B3" maximum and "L3" maximum define the maximum width and depth of the castellation at any point on
its surface. Measurement of these dimensions may be made prior to solder dipping.
6.
Lead 4 = no connection.
FIGURE 2. Physical dimensions, surface mount (2N2484UA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com