Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2484UB Datasheet(PDF) 5 Page - STMicroelectronics

Part # 2N2484UB
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484UB Datasheet(HTML) 5 Page - STMicroelectronics

  2N2484UB Datasheet HTML 1Page - STMicroelectronics 2N2484UB Datasheet HTML 2Page - STMicroelectronics 2N2484UB Datasheet HTML 3Page - STMicroelectronics 2N2484UB Datasheet HTML 4Page - STMicroelectronics 2N2484UB Datasheet HTML 5Page - STMicroelectronics 2N2484UB Datasheet HTML 6Page - STMicroelectronics 2N2484UB Datasheet HTML 7Page - STMicroelectronics 2N2484UB Datasheet HTML 8Page - STMicroelectronics 2N2484UB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MIL-PRF-19500/376E
5
A- version
NOTES:
1.
Die size ...............................................0.015 x 0.019 inches
± 0.001 inch
2.
Die thickness.......................................0.010
± 0.0015 inches
3.
Top metal............................................Aluminum 15,000Å minimum, 18,000Å nominal
4.
Back metal..........................................A. Gold 2,500Å minimum, 3,000Å nominal
B. Eutectic Mount – No Gold
5.
Backside .............................................Collector
6.
Bonding pad........................................B = 0.003 inches, E = 0.004 inches diameter
7.
Passivation .........................................Si3N4 (Silicon Nitride) 2kÅ min, 2.2kÅ nom.
FIGURE 4. Physical dimensions, JANHC and JANKC die, A - version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com