Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX72N Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 81Page - Renesas Technology Corp RX72N Datasheet HTML 82Page - Renesas Technology Corp RX72N Datasheet HTML 83Page - Renesas Technology Corp RX72N Datasheet HTML 84Page - Renesas Technology Corp RX72N Datasheet HTML 85Page - Renesas Technology Corp RX72N Datasheet HTML 86Page - Renesas Technology Corp RX72N Datasheet HTML 87Page - Renesas Technology Corp RX72N Datasheet HTML 88Page - Renesas Technology Corp RX72N Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 179 page
background image
R01DS0343EJ0120 Rev.1.20
Page 85 of 179
Nov 15, 2023
RX72N Group
2. Electrical Characteristics
Note 1. The input leakage current value at the EMLE and BSCANP pins are only when Vin = 0 V.
Table 2.5
DC Characteristics (2)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Output high voltage
All output pins
VOH
VCC – 0.5
—
—
V
IOH = –1 mA
Output low voltage
All output pins
(except for RIIC pins and
ETHERC output pin)
VOL
——
0.5
V
IOL = 1.0 mA
RIIC output pin
—
—
0.4
IOL = 3.0 mA
——
0.6
IOL = 6.0 mA
RIIC output pin
(only P12 and P13 in channel 0)
VOL
——
0.4
V
IOL = 15.0 mA
(ICFER.FMPE = 1)
—0.4—
IOL = 20.0 mA
(ICFER.FMPE = 1)
ETHERC output pin
VOL
——
0.4
V
IOL = 1.0 mA
Input leakage current RES#, MD pin, EMLE*1,
BSCANP*1, NMI
| Iin |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
Other than ports for 5 V tolerant
| ITSI |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
Ports for 5 V tolerant
—
—
5.0
Vin = 0 V
Vin = 5.5 V
Input pull-up resistor
current
Other than P35
Ip
–300
—
–10
µA
VCC = 2.7 to 3.6 V
Vin = 0 V
Input pull-down
resistor current
EMLE, BSCANP
Ip
10
—
300
µA
Vin = VCC
Input capacitance
All input pins
(except for P03, P05, P12, P13,
P16, P17, P20, P21, EMLE,
BSCANP, USB0_DP, and
USB0_DM)
Cin
—
—
8
pF
Vbias = 0 V
Vamp = 20 mV
f = 1 MHz
Ta = 25°C
P03, P05, P12, P13, P16, P17,
P20, P21, EMLE, BSCANP,
USB0_DP, and USB0_DM
——
16
Output voltage of the VCL pin
VCL
—1.18—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com