Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX72N Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 12Page - Renesas Technology Corp RX72N Datasheet HTML 13Page - Renesas Technology Corp RX72N Datasheet HTML 14Page - Renesas Technology Corp RX72N Datasheet HTML 15Page - Renesas Technology Corp RX72N Datasheet HTML 16Page - Renesas Technology Corp RX72N Datasheet HTML 17Page - Renesas Technology Corp RX72N Datasheet HTML 18Page - Renesas Technology Corp RX72N Datasheet HTML 19Page - Renesas Technology Corp RX72N Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 179 page
background image
RX72N Group
1. Overview
R01DS0343EJ0120 Rev.1.20
Page 16 of 179
Nov 15, 2023
Figure 1.1
How to Read the Product Part Number
RX72N
(G-version)
R5F572NNDGLK
PTLG0145KA-A
4 Mbytes
1 Mbyte
32 Kbytes
240 MHz
Not available
–40 to +105
R5F572NNHGLK
PTLG0145KA-A
4 Mbytes
1 Mbyte
32 Kbytes
240 MHz
Available
–40 to +105
R5F572NDDGLK
PTLG0145KA-A
2 Mbytes
1 Mbyte
32 Kbytes
240 MHz
Not available
–40 to +105
R5F572NDHGLK
PTLG0145KA-A
2 Mbytes
1 Mbyte
32 Kbytes
240 MHz
Available
–40 to +105
R5
F
5 7
2 N
NDDB D
Package type, number of pins, and pin pitch
BD: LFBGA/224/0.80
FC: LFQFP/176/0.50
BG: LFBGA/176/0.80
FB : LFQFP/144/0.50
LK : TFLGA/145/0.50
FP : LFQFP/100/0.50
D : Operating peripheral temperature: –40 to +85°C
G: Operating peripheral temperature: –40 to +105°C
D : Encryption module not included
H : Encryption module included
Code flash memory, RAM, and data flash memory capacity
N : 4 Mbytes/1 Mbyte/32 Kbytes
D : 2 Mbytes/1 Mbyte/32 Kbytes
Group name
RX72N Group
Series name
RX700 Series
Type of memory
F : Flash memory version
Renesas MCU
Renesas semiconductor product
Table 1.3
List of Products (2/2)
Group
Part No.
Package
Code Flash
Memory
Capacity
RAM
Capacity
Data Flash
Memory
Capacity
Operating
Frequency
(Max.)
Encryption
Module
Operating
temperature
(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com