Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX72N Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # RX72N
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72N Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button RX72N Datasheet HTML 13Page - Renesas Technology Corp RX72N Datasheet HTML 14Page - Renesas Technology Corp RX72N Datasheet HTML 15Page - Renesas Technology Corp RX72N Datasheet HTML 16Page - Renesas Technology Corp RX72N Datasheet HTML 17Page - Renesas Technology Corp RX72N Datasheet HTML 18Page - Renesas Technology Corp RX72N Datasheet HTML 19Page - Renesas Technology Corp RX72N Datasheet HTML 20Page - Renesas Technology Corp RX72N Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 179 page
background image
RX72N Group
1. Overview
R01DS0343EJ0120 Rev.1.20
Page 17 of 179
Nov 15, 2023
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
Trusted Secure IP*1
Standby RAM
QSPI
SDHI
MMCIF
PDC
WDT
IWDT
ELC
CAC
DOC
CRC
SCIj × 7 channels
SCIh × 1 channel
USB × 1 port
CAN × 3 channels
POE3
POEG
TPU × 6 channels (unit 0)
PPG (unit 0)
PPG (unit 1)
TMR × 2 channels (unit 0)
CMT × 2 channels (unit 0)
CMT × 2 channels (unit 1)
CMTW × 1 channel (unit 0)
CMTW × 1 channel (unit 1)
RTC
12-bit A/D converter × 8 channels (unit 0)
12-bit D/A converter × 2 channels
Temperature sensor
SSIE × 2 channels
Data flash
SCIi × 5 channels
RSPI × 3 channels
12-bit A/D converter × 21 channels (unit 1)
GPTW × 4 channels
PMGI × 2 channels
EPTPC
TFU
ICU
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port A
Port B
Port C
Port D
Port E
Port F
Port G
Port H
Port J
Port K
Port L
Port M
Port N
Port Q
EXDMAC
BSC
RAM
ECCRAM
Expansion
RAM
ROM
RX CPU
Clock
generation
circuit
ROM Cache
MPU
External bus
EDMAC × 3 channels
GLCDC
DRW2D
DTC
DMAC × 8 channels
MTU × 9 channels
TMR × 2 channels (unit 1)
ETHERC × 2 channels
RIIC × 3 channels
CAC:
Clock frequency accuracy measurement circuit
ICU:
Interrupt controller
BSC:
Bus controller
MPU:
Memory protection unit
DMAC:
DMA controller
EXDMAC: EXDMA controller
DTC:
Data transfer controller
ELC:
Event link controller
MTU:
Multi-function timer pulse unit 3
POE3:
Port output enable 3
GPTW:
General PWM timer
POEG:
GPTW port output enable
TPU:
16-bit timer pulse unit
PPG:
Programmable pulse unit
TMR:
8-bit timer
CMT:
Compare match timer
CMTW:
Compare match timer W
RTC:
Realtime clock
WDT:
Watchdog timer
IWDT:
Independent watchdog timer
ETHERC: Ethernet controller
Note 1. Optional
EPTPC:
PTP module for the ethernet controller
EDMAC:
DMA controller for the ethernet controller
PMGI:
Phy management interface
USB:
USB2.0 FS host/function module
SCIj, SCIi, SCIh: Serial communications interface
RIIC:
I2C-bus interface
CAN:
CAN module
SSIE:
Serial sound interface enhanced
RSPI:
Serial communications interface
QSPI:
Quad serial peripheral interface
CRC:
CRC calculator
SDHI:
SD host interface
MMCIF:
MultiMediaCard interface
PDC:
Parallel data capture unit
GLCDC:
Graphic LCD controller
DRW2D:
2D drawing engine
TFU:
Arithmetic unit for trigonometric functions
Trusted Secure IP: Trusted secure IP*1
DOC:
Data operation circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com