Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX72T Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RX72T
Description  Renesas MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72T Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RX72T Datasheet HTML 56Page - Renesas Technology Corp RX72T Datasheet HTML 57Page - Renesas Technology Corp RX72T Datasheet HTML 58Page - Renesas Technology Corp RX72T Datasheet HTML 59Page - Renesas Technology Corp RX72T Datasheet HTML 60Page - Renesas Technology Corp RX72T Datasheet HTML 61Page - Renesas Technology Corp RX72T Datasheet HTML 62Page - Renesas Technology Corp RX72T Datasheet HTML 63Page - Renesas Technology Corp RX72T Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 120 page
background image
R01DS0331EJ0110 Rev.1.10
Page 60 of 120
Oct 06, 2023
RX72T Group
2. Electrical Characteristics
2.4.1
Reset Timing
Figure 2.2
Reset Input Timing at Power-On
Figure 2.3
Reset Input Timing
Table 2.15
Reset Timing
Conditions: VCC = 2.7 to 5.5 V, VCC_USB = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5V,
VSS = VSS_USB = AVSS0 = AVSS1 = AVSS2 = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
RES# pulse
width
Power-on
tRESWP
2.0
—
—
ms
Figure 2.2
Deep software standby mode
tRESWD
0.6
—
—
Figure 2.3
Software standby mode
tRESWS
0.3
—
—
Programming or erasure of the code flash
memory, or programming, erasure or blank
checking of the data flash memory
tRESWF
200
—
—
µs
Other than above
tRESW
200
—
—
Waiting time after release from the RES# pin reset
tRESWT
62
—
63
tLcyc
Figure 2.2
Internal reset time
(independent watchdog timer reset, watchdog timer reset,
software reset)
tRESW2
108
—
116
VCC
RES#
Internal reset signal
(Low is valid)
tRESWP
tRESWT
RES#
Internal reset signal
(Low is valid)
tRESWD, tRESWS, tRESWF, tRESW
tRESWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com