Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX72T Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RX72T
Description  Renesas MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72T Datasheet(HTML) 1 Page - Renesas Technology Corp

  RX72T Datasheet HTML 1Page - Renesas Technology Corp RX72T Datasheet HTML 2Page - Renesas Technology Corp RX72T Datasheet HTML 3Page - Renesas Technology Corp RX72T Datasheet HTML 4Page - Renesas Technology Corp RX72T Datasheet HTML 5Page - Renesas Technology Corp RX72T Datasheet HTML 6Page - Renesas Technology Corp RX72T Datasheet HTML 7Page - Renesas Technology Corp RX72T Datasheet HTML 8Page - Renesas Technology Corp RX72T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
RX72T Group
Renesas MCUs
Datasheet
R01DS0331EJ0110 Rev.1.10
Page 1 of 120
Oct 06, 2023
Features
■ 32-bit RXv3 CPU core
 Maximum operating frequency: 200 MHz
Capable of 1160 CoreMark in operation at 200 MHz
 JTAG and FINE (one-line) debugging interfaces
 A function for collectively saving the values of registers is available.
■ Low-power design and architecture
 Operation from a single 2.7- to 5.5-V supply
 Four low-power modes
■ On-chip code flash memory
 Supports versions with 1 Mbytes/512 Kbytes
 No wait cycles at up to 120 MHz or when the ROM cache is hit
 User code is programmable by on-board or off-board programming.
■ On-chip data flash memory
 32 Kbytes, reprogrammable up to 100,000 times
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM, no wait states
 128Kbytes of SRAM (no wait states)
 16 Kbytes of RAM with ECC (with wait)
■ Data transfer
 DMACa: 8 channels
 DTCa: 1 channel
■ ELC
 Module operation can be initiated by event signals without using
interrupts
 Linked operation between modules is possible when the CPU is in
sleep mode
■ Reset and supply management
 Power-on reset (POR)
 Low voltage detection (LVDA) with voltage settings
■ Clock functions
 Frequency of resonator for main clock oscillator: 8 to 24 MHz (this
can be used as the PLL reference clock)
 High-speed on-chip oscillator: 16 MHz/18 MHz/20 MHz (this can
be used as the PLL reference clock)
 Low-speed on-chip oscillator: 240 kHz
■ Independent watchdog timer
 120-kHz IWDT-dedicated on-chip oscillator clock operation
■ Useful functions for IEC60730 compliance
 Oscillation-stoppage detection, functions for self-diagnosis and
detection of disconnection for the A/D converter, clock frequency
accuracy measurement circuit, independent watchdog timer, RAM
test-assisting function by DOC, and CRCA, etc.
 Register write protection function can protect values in important
registers against overwriting.
■ External bus
 Bus clock at 40 MHz (max)
 Four CS areas
 8- or 16-bit bus space is selectable per area
■ Various communications interfaces
 Host/function or OTG controller (1 channel) with full-speed USB
2.0 (USBb) transfer
 CAN (compliant with ISO11898-1), incorporating 32 mailboxes
(1 channel)
 SCIj and SCIh with multiple functionalities (up to 6 channels)
Choose from among asynchronous mode, clock-synchronous mode,
smart-card interface mode, simplified SPI, simplified I2C, and
extended serial mode.
 SCIi with 16-byte transmission and reception FIFOs (1 channel)
 I2C bus interface (RIICa) for transfer at up to 400 kbps (fast mode),
capable of SMBus operation (1 channel)
 RSPId (1 channel) for transfer at up to 30 Mbps
■ Up to 31 extended-function timers
 32-bit GPTW (10 channels): operation at 200 MHz, input capture,
output compare, PWM waveforms: 10 output channels in single-
phase complementary PWM mode/3 output channels in 3-phase
complementary PWM mode/2 output channels in 5-phase
complementary PWM mode, phase-counting mode, linkage with
comparator (counting operation, PWM negate control)
 16-bit MTU3d (9 channels): operation at 200 MHz, input capture,
output compare, PWM waveforms: 2 output channels in 3-phase
complementary PWM mode, phase-counting mode
 8-bit TMR (8 channels)
 16-bit CMT (4 channels)
■ High-resolution PWM waveform generation circuit
(HRPWM): 4 channels
 Controlling the timing of rising or falling of the PWM output
waveform for 32-bit GPTW is realized with minimum of 195 ps
resolution (in operation at 160 MHz)
■ 12-bit A/D converter (S12ADH):
total of 30 channels for three units
 Up to three 12-bit units of sample-and-hold circuit included
Unit 0 (8 channels for 3 sample-and-hold circuits),
Unit 1 (8 channels for 3 sample-and-hold circuits),
Unit 2 (14 channels)
 Programmable gain amplifier with pseudo differential amplification
(3 channels × 2)
■ Analog Comparator (CMPC): 6 channels
■ 12-bit D/A converter: 2 channels
 Usable as a reference voltage for the analog comparator
■ Temperature sensor for measuring temperature
within the chip
■ Encryption functions (Trusted Secure IP Lite)
 128- or 256-bit key length of AES for ECB, CBC, GCM, others
 True random number generator
 Unauthorized access to the encryption engine is disabled and
imposture and falsification of information are prevented
 Safe management of keys
■ Up to 110 pins for general I/O ports
 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Recommended operating temp. range (Topr)
 –40C to +85C
 –40C to +105C
PLQP0144KA-B 20 × 20 mm, 0.5 mm pitch
PLQP0100KB-B 14 × 14 mm, 0.5 mm pitch
200-MHz, 32-bit RX MCU, on-chip FPU, 1160 CoreMark, Supportive of 5V power supply,
up to 1-MB flash memory, 128-KB SRAM, 32-KB data flash memory, 16-KB SRAM with ECC, Simultaneous sampling with
3 units of 12-bit A/D converter (up to 7 channels), Single-end/pseudo differential input supportive amplifier (6 channels),
Analog comparator (6 channels), 200 MHz PWM (4 channels for 3-phase complementary, 2 channels for 5-phase
complementary, 10 channels for single-phase complementary), 4-channel high-resolution PWM with resolution of 195 ps at the
minimum, Host/function or OTG controller with full-speed USB 2.0 transfer, CAN, Encryption functions (optional)
R01DS0331EJ0110
Rev.1.10
Oct 06, 2023
Features


Similar Part No. - RX72T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX72T RENESAS-RX72T Datasheet
1Mb / 176P
Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
More results

Similar Description - RX72T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
Renesas MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com