Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX72T Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RX72T
Description  Renesas MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72T Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RX72T Datasheet HTML 9Page - Renesas Technology Corp RX72T Datasheet HTML 10Page - Renesas Technology Corp RX72T Datasheet HTML 11Page - Renesas Technology Corp RX72T Datasheet HTML 12Page - Renesas Technology Corp RX72T Datasheet HTML 13Page - Renesas Technology Corp RX72T Datasheet HTML 14Page - Renesas Technology Corp RX72T Datasheet HTML 15Page - Renesas Technology Corp RX72T Datasheet HTML 16Page - Renesas Technology Corp RX72T Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
R01DS0331EJ0110 Rev.1.10
Page 13 of 120
Oct 06, 2023
RX72T Group
1. Overview
1.2
List of Products
Table 1.3 is a list of products, and Figure 1.1 shows how to read the product part no.
Table 1.3
List of Products
Group
Part No.
Package
Code Flash
Memory
Capacity
RAM
Capacity
Data Flash
Memory
Capacity
PGA
pseudo-
differential
input
TSIP-Lite
USB
Operating
temperature
RX72T
(D-version)
R5F572TKCDFB
PLQP0144KA-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Not available Available
-40 to 85°C
R5F572TKGDFB
PLQP0144KA-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Available
Available
-40 to 85°C
R5F572TFCDFB
PLQP0144KA-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Not available Available
-40 to 85°C
R5F572TFGDFB
PLQP0144KA-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Available
Available
-40 to 85°C
R5F572TKADFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Not available Not available -40 to 85°C
R5F572TKBDFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Not available Not available Not available -40 to 85°C
R5F572TKCDFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Not available Available
-40 to 85°C
R5F572TKEDFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Available
Not available -40 to 85°C
R5F572TKFDFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Not available Available
Not available -40 to 85°C
R5F572TKGDFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Available
Available
-40 to 85°C
R5F572TFADFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Not available Not available -40 to 85°C
R5F572TFBDFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Not available Not available Not available -40 to 85°C
R5F572TFCDFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Not available Available
-40 to 85°C
R5F572TFEDFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Available
Not available -40 to 85°C
R5F572TFFDFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Not available Available
Not available -40 to 85°C
R5F572TFGDFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Available
Available
-40 to 85°C
RX72T
(G-version)
R5F572TKCGFB
PLQP0144KA-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Not available Available
-40 to 105°C
R5F572TKGGFB
PLQP0144KA-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Available
Available
-40 to 105°C
R5F572TFCGFB
PLQP0144KA-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Not available Available
-40 to 105°C
R5F572TFGGFB
PLQP0144KA-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Available
Available
-40 to 105°C
R5F572TKAGFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Not available Not available -40 to 105°C
R5F572TKBGFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Not available Not available Not available -40 to 105°C
R5F572TKCGFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Not available Available
-40 to 105°C
R5F572TKEGFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Available
Not available -40 to 105°C
R5F572TKFGFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Not available Available
Not available -40 to 105°C
R5F572TKGGFP
PLQP0100KB-B
1 Mbyte
128 Kbytes
32 Kbytes
Available
Available
Available
-40 to 105°C
R5F572TFAGFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Not available Not available -40 to 105°C
R5F572TFBGFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Not available Not available Not available -40 to 105°C
R5F572TFCGFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Not available Available
-40 to 105°C
R5F572TFEGFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Available
Not available -40 to 105°C
R5F572TFFGFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Not available Available
Not available -40 to 105°C
R5F572TFGGFP
PLQP0100KB-B
512 Kbytes
128 Kbytes
32 Kbytes
Available
Available
Available
-40 to 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com