Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS720P Datasheet(PDF) 2 Page - YORKVILLE

Part # LS720P
Description  Powered Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS720P Datasheet(HTML) 2 Page - YORKVILLE

  LS720P Datasheet HTML 1Page - YORKVILLE LS720P Datasheet HTML 2Page - YORKVILLE LS720P Datasheet HTML 3Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
élite
Powered Series
LS720P
yorkville.com
Features
• Integrated 1500 Watt Amplifier (Peak - 720 Watts Program)
• 15-inch Woofer
• Max SPL 135dB Peak (128dB Continuous)
• 40Hz - 150Hz with Adjustable HF Roll-Off
• 45hz - 90hz Variable Boost Frequency
• Paralleled XLR and 1/4-inch Selectable Line or Speaker Level Inputs
• Excursion, Peak and Thermal Woofer Protection
• Integrated All Metal Speaker Pole Mount Adaptor
• Solid 5/8-inch (15mm) Birch Plywood Construction
• Made in Canada
LS720P Rear Panel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com