Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS720P Datasheet(PDF) 3 Page - YORKVILLE

Part # LS720P
Description  Powered Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS720P Datasheet(HTML) 3 Page - YORKVILLE

  LS720P Datasheet HTML 1Page - YORKVILLE LS720P Datasheet HTML 2Page - YORKVILLE LS720P Datasheet HTML 3Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
élite
Passive Series
yorkville.com
Specifications
System Type
Powered Subwoofer
Active or Passive
Active
Program Power (Watts)
720 Watts (1500 Watts Peak)
Max SPL (dB)
135dB Peak (128dB Continuous)
Frequency Response (Hz +/- 3dB)
40 - 150 adjustable
Driver Configuration
15-inch w/ 3-inch voice coil
LF Protection
Electronic Limiting (Excursion, Thermal, Clip)
Cooling Scheme
Passive convection
Power Cable
Detachable IEC
Power Switch
Yes
Power Consumption (typ/max)
230VAC 50 Hz 1.2A
Inputs - 1/4" Jacks
1 In, 1 Link Out
Inputs - XLR
Left and Right Male/Female Link
Level Controls
Main Volume
EQ Controls
HF Cut-off 90 - 150Hz
Limiter
RMS / Peak / Current
LED Indicators
Power / Limit / Clip
Other Controls / Features
Selectable line or Speaker level input
45Hz - 90Hz variable boost frequency
Feet
Rubber
Bar Handles
2 Side Mounted
Pole Mount Adapter (1 3/8"-3.5cm)
Top
Enclosure Materials
15mm (5/8-inch) 11-ply Russian Birch
Grille
Heavy Gauge perforated metal
Covering / Finish
Black Ozite Carpet
Dimensions (DWH xbackW, inches)
21.5 x 18.1 x 22.75
Dimensions (DWH xbackW, cm)
54.6 x 46 x 57.8
Weight (lbs/kg)
74.5 / 33.8
Specifications subject to change without notice
LS720P



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com