Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS720P Datasheet(PDF) 1 Page - YORKVILLE

Part # LS720P
Description  Powered Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS720P Datasheet(HTML) 1 Page - YORKVILLE

  LS720P Datasheet HTML 1Page - YORKVILLE LS720P Datasheet HTML 2Page - YORKVILLE LS720P Datasheet HTML 3Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
élite
Powered Series
LS720P
Overview
Delivering outstanding low-frequency performance, the 1500 watt
(Peak) LS720P powered subwoofer has been designed from the ground
up to be the ideal companion for any medium sized live sound or DJ PA.
Intended for a variety of applications, the LS720P uses a single long
excursion 15-inch woofer to deliver maximum output over the entire 40
to 150 Hz range.
The LS720P has sophisticated processing circuitry that protects the
driver while maximizing the use of the available power. This processing
has been carefully optimized to complement the characteristics of the
driver and enclosure system. The fast limiter protects against clipping
and over excursion. It is located with both high and low pass filters on
either side of the limiter to guarantee that only the correct frequency
content reaches the driver. The slow (RMS) limiter is equalized to adjust
for the impedance variations of the loudspeaker system over frequency.
This ensures the maximum output of continuous bass prevalent in today's
music while ensuring protection of the driver against overheating. The
carefully tailored attack and release times ensure that the maximum level
is available from the system.
The input section in the LS720P allows for a variety of system
configurations. There are two input sections allowing two signals to be
blended into the LS720P. This allows stereo left and right signals to be
summed into one LS720P while preserving channel seperation of the
stereo signals. Each input section has XLR male and female jacks to
allow loop thru of line level signals. In addition one input section also
has two 1/4-inch jacks that may be used for loop thru of line or speaker
level signals. Within each section all jacks are connected in parallel.
Simple controls on the LS720P include input gain (Volume), variable high
frequency cut-off and low-frequency tunable bass boost. The variable
high frequency cutoff is adjustable from 90 to 150 Hz to trim the
subwoofer's low-pass filter to match any full range cabinet. A low-
frequency tunable bass boost adjustable from 45 to 90 Hz has been
included to allow subtle customizing of the bass character.
Proven Class D amplifier technology allows the LS720P to operate without
a fan while preserving ample thermal margin. The low heat dissipation of
this technology eliminates the need for large, heavy heat sinks while the
lightweight neodymium-based driver further reduces overall weight.
The LS720P uses a solid 5/8th-inch 11-ply Russian birch plywood cabinet
construction with an all-metal heavy gauge perforated grille to protect
the speaker and electronic components. Integrated all metal bar handles
and metal speaker-stand pole-mount have been included.
yorkville.com


Similar Part No. - LS720P

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7210 LSI-LS7210_06 Datasheet
66Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
More results

Similar Description - LS720P

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
Battery powered equipment
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
Battery powered equipment
logo
Molex Electronics Ltd.
0638160700 MOLEX11-0638160700 Datasheet
926Kb / 17P
AIR POWERED TOOL AIR POWERED TOOL
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
Self-Powered Tachometer
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
Battery powered circuits
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
Self-powered operation
logo
Cynergy3 Co
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
Loop Powered Isolator
logo
Maxim Integrated Produc...
CMAXQUSB MAXIM-CMAXQUSB Datasheet
268Kb / 16P
USB Powered
Rev 2; 12/10
MAX1452EVKIT MAXIM-MAX1452EVKIT Datasheet
2Mb / 21P
USB Powered
2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com