Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDLE Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 91Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 92Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 93Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 94Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 95Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 96Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 97Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 98Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 95 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Figure 2.8
HOCO Clock Oscillation Start Timing (Oscillation is Started by Setting the
HOCOCR.HCSTP Bit)
Figure 2.9
High-Speed On-Chip Oscillator Power Supply Control Timing
Table 2.19
HOCO Clock Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
HOCO clock oscillation frequency FLL not in use
fHOCO
15.616
(–2.40%)
16
16.384
(+2.40%)
MHz
–20°C ≤ Ta
17.568
(–2.40%)
18
18.432
(+2.40%)
19.520
(–2.40%)
20
20.480
(+2.40%)
15.520
(–3.00%)
16
16.480
(+3.00%)
Ta < –20°C
17.460
(–3.00%)
18
18.540
(+3.00%)
19.400
(–3.00%)
20
20.600
(+3.00%)
FLL in use
fHOCO
15.960
(–0.25%)
16
16.040
(+0.25%)
MHz
Sub-clock frequency
precision: ±50 ppm
17.955
(–0.25%)
18
18.045
(+0.25%)
19.950
(–0.25%)
20
20.050
(+0.25%)
HOCO clock oscillation stabilization waiting time
tHOCOWT
—
105
149
µs
Figure 2.8
HOCO clock power supply stabilization time
tHOCOP
—
—
150
µs
Figure 2.9
FLL stabilization waiting time
tFLLWT
——
1.8
ms
HOCO clock
HOCOCR.HCSTP
OSCOVFSR.HCOVF
tHOCOWT
High-speed on-chip
oscillator output
Internal power supply for
high-speed on-chip oscillator
HOCOPCR.HOCOPCNT
tHOCOP
HOCOCR.HCSTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com