Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDLE Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 8Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 9Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 10Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 11Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 12Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 13Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 14Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 15Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 179 page
background image
RX671 Group
1. Overview
R01DS0373EJ0120 Rev.1.20
Page 12 of 179
Sep 30, 2024
Table 1.2
Comparison of Functions for Different Packages (1/2)
Functions
Products
RX671
Package
145-pin TFLGA
(0.65-mm pitch)
145-pin TFLGA
(0.50-mm pitch)
144-pin LFQFP
100-pin TFLGA
100-pin LFQFP
64-pin TFBGA
64-pin LFQFP
48-pin HWQFN
Code Flash
Memory
Code Flash Memory Capacity
1 Mbyte/1.5 Mbytes/2 Mbytes
Dual bank function
Available
BGO function
Available
Data Flash Memory
8 Kbytes
RAM
384 Kbytes
Standby RAM
4 Kbytes
External bus
External bus width
16/8 bits
Not available
SDRAM area controller
Available
Not available
DMA
DMA controller
Ch. 0 to 7
Data transfer controller
Available
EXDMA controller
Ch. 0 and 1
Not available
Timers
16-bit timer pulse unit
Ch. 0 to 5
Multi-function timer pulse unit 3
Ch. 0 to 8
Port output enable 3
Available
Programmable pulse generator
Ch. 0 and 1
Not available
8-bit timers
Ch. 0 to 3
Compare match timer
Ch. 0 to 3
Compare match timer W
Ch. 0 and 1
Realtime clock
Available
Not available
Watchdog timer
Available
Independent watchdog timer
Available
Communication
function
USB 2.0 FS host/function module
Ch. 0 and 1
Ch. 0
Ch. 0*1
Not available
Serial communications interfaces
(SCIk)
Ch. 0 to 9
Ch. 0 to 3, 5, 6, 8
and 9
Ch. 1 to 3, 5, 8 and 9
Serial communications interfaces
(SCIm)
Ch. 10 and 11
Serial communications interfaces
(SCIh)
Ch. 12
Serial communications interfaces
(RSCI)
Ch. 10 and 11
I2C bus interfaces (RIIC)
Ch. 0 to 2
Ch. 0 and 2
Hi-speed I2C bus interfaces
(RIICHS)
Ch. 0
Serial peripheral interface (RSPI)
Ch. 0 to 2
Ch. 0 and 1
Serial peripheral interface
(RSPIA)
Ch. 0
CAN module
Ch. 0 and 1
Not available
Quad-SPI memory interface
(QSPIX)
Ch. 0
SD host interface (SDHI)
Available
Serial sound interface (SSIE)
Ch. 0
Remote control signal receiver
(REMC)
Ch. 0
Capacitive touch sensing unit (CTSU)
17 channels + 1 channel (TSCAP)
8 channels + 1
channel (TSCAP)
6 channels + 1
channel (TSCAP)
12-bit A/D converter
Unit 0: 8 channels
Unit 1: 12 channels
Unit 0: 8 channels
Unit 1: 8 channels
Unit 0: 4 channels
Unit 1: 6 channels
Unit 0: 4 channels
Unit 1: 4 channels
Temperature sensor
Available
CRC calculator
Available
Data operation circuit (DOC)
Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com