Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDLE Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F5671CDDLE
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLE Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F5671CDDLE Datasheet HTML 7Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 8Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 9Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 10Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 11Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 12Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 13Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 14Page - Renesas Technology Corp R5F5671CDDLE Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 179 page
background image
RX671 Group
1. Overview
R01DS0373EJ0120 Rev.1.20
Page 11 of 179
Sep 30, 2024
Note 1. When the realtime clock is not used, initialize the registers in the time clock according to description in section 31.6.8,
Initialization Procedure When the Realtime Clock is Not to be Used in the User’s Manual: Hardware.
Note 2. The product part number differs according to whether or not the MCU includes the encryption function.
Note 3. The low CL crystal unit cannot be used when the VBATT voltage is less than 2.0 V.
Encryption
function
Trusted Secure IP
(TSIP)*2
 Access management circuit
 Encryption engine
Common key encryption: AES (compliant with NIST FIPS PUB 197), TDES, ARC4
Public key encryption: RSA, ECC
Hash functions: SHA1, SHA224, SHA256, MD5, GHASH
 Other features
TRNG (true-random number generator)
Prevention from illicit copying of a key
Operating frequency
Up to 120 MHz
Power supply voltage
VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7
 VREFH0  AVCC0,
VBATT = 1.62*3 to 3.6 V
Operating temperature
D-version: –40 to +85°C
G-version: –40 to +105°C
Package
145-pin TFLGA (PTLG0145JC-A)
145-pin TFLGA (PTLG0145KB-A)
144-pin LFQFP (PLQP0144KA-B)
100-pin TFLGA (PTLG0100JB-A)
100-pin LFQFP (PLQP0100KB-B)
64-pin TFBGA (PTBG0064KB-A)
64-pin LFQFP (PLQP0064KB-C)
48-pin HWQFN (PWQN0048KC-A)
Debugging interface
JTAG and FINE interfaces
Table 1.1
Outline of Specifications (10/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com