Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSC1 Datasheet(PDF) 1 Page - Speco Technologies.

Part # APSC1
Description  Contactless Proximity Reader
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

APSC1 Datasheet(HTML) 1 Page - Speco Technologies.

  APSC1 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•Up to 15 feet of read range
•Contactless smartcard reader solution
with mobile access support
•Digital Radio Frequency Identification (RFID) platform
•Supports both sector and card serial
number (CSN) reads
•Offers the option of mobile access credentials loaded on
Bluetooth Low Energy (BLE) enabled smartphones or contact
less proximity module
•IP67 compliant, weather resistant
•Tamper resistant
•Lifetime warranty
Contactless Proximity Reader
APCR35L
Contactless proximity reader
Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation. Spec Rev. 1/10/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
Features
Technical Specification
Model
Long-Range Mobile-Ready Contactless Proximity Reader
Technology
Contactless Proximity and Bluetooth Low Energy (BLE)
Frequency
125 kHz (proximity) and 2.4 GHz (BLE)
Mounting
A single reader for metal door and window frames, single-gang wall boxes, and flat surfaces
Dimensions
Mullion: 1.7” W × 4.7” H × 1.2” D (43 mm × 119 mm × 30 mm)
Switch Plate: 3” W × 5.1” H × 1.2” D (76 mm × 130 mm × 30 mm)
Certifications
FCC, ICC, CE, UL Standard 294
IP Code
IP67
Voltage
+8 -14 VDC
Current Draw
60 mA typical, 90 mA peak @ 12 VDC
Read Range
Physical Proximity Credentials: Up to 4 inches (102 mm)
Mobile Credentials: Up to 15 feet (4.6 m)
Cabling
24 AWG minimum, multiconductor stranded with an overall foil sheild
Interface
Wiegand 26-bit
Operating Temperature
–31° F to 150° F (–35° C to +66° C)
Audio Tone
Beeper included standard
Indoor & Outdoor Installation
Electronics sealed in weather- and tamper-resistant epoxy potting
Warranty
Lifetime warranty
LED
Five-state standard (blue, red, green, amber, and off)
Technologies Supported
Pyramid + certain HID® 125-kHz Proximity protocols + certain AWID® 125-kHz Proximity
protocols
Conekt Mobile Access Credentials
ACS
Optional Accessory
ACMC2
Mobile Credential
APDT1
Proximity Disc Tag
APSC1
Clamshell Proximity Card
APSI4
Proximity Card
APSK3
Proximity Key Ring Tag
APSM2
Proximity Credential
IP67
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - APSC1

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
APSC1 SPECO-APSC1 Datasheet
234Kb / 1P
Clamshell Proximity Card
1/19/22
APSC1 SPECO-APSC1 Datasheet
457Kb / 1P
Mullion Proximity Reader
10/14/25
APSC1 SPECO-APSC1 Datasheet
408Kb / 1P
Proximity Reader
10/14/25
APSC1 SPECO-APSC1 Datasheet
372Kb / 1P
Mullion Proximity Reader & Keypad
10/14/25
APSC1 SPECO-APSC1 Datasheet
426Kb / 1P
Proximity Reader & Keypad
10/14/25
More results

Similar Description - APSC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
Jan-2001
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
Contactless reader IC
Rev. 3.3-5 March 2010
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com