Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKI41T56 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MKI41T56
Description  512 bit 64b x8 Serial Access TIMEKEEPER SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MKI41T56 Datasheet(HTML) 2 Page - STMicroelectronics

  MKI41T56 Datasheet HTML 1Page - STMicroelectronics MKI41T56 Datasheet HTML 2Page - STMicroelectronics MKI41T56 Datasheet HTML 3Page - STMicroelectronics MKI41T56 Datasheet HTML 4Page - STMicroelectronics MKI41T56 Datasheet HTML 5Page - STMicroelectronics MKI41T56 Datasheet HTML 6Page - STMicroelectronics MKI41T56 Datasheet HTML 7Page - STMicroelectronics MKI41T56 Datasheet HTML 8Page - STMicroelectronics MKI41T56 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
MK41T56
MKI41T56
0 to 70
–40 to 85
°C
TSTG
Storage Temperature (VCC Off, Oscillator Off)
–55 to 125
°C
VIO
Input or Output Voltages
–0.3 to 7
V
VCC
Supply Voltage
–0.3 to 7
V
IO
Output Current
20
mA
PD
Power Dissipation
0.25
W
Note: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of
this specification is not implied. Exposure to the absolute maximum rating conditions for extended periods of time may affect
reliability.
CAUTION: Negative undershoots below –0.3 volts are not allowed on any pin while in the Battery Back-up mode.
Table 2. Absolute Maximum Ratings
SDA
VSS
SCL
FT/OUT
OSCO
OSCI
VCC
VBAT
AI02305
MK41T56
MKI41T56
1
2
3
4
8
7
6
5
Figure 2A. DIP Pin Connections
1
SDA
VSS
SCL
FT/OUT
OSCO
OSCI
VCC
VBAT
AI02306
MK41T56
MKI41T56
2
3
4
8
7
6
5
Figure 2B. SOIC Pin Connections
Address
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
0
ST
10 Seconds
Seconds
Seconds
00-59
1
X
10 Minutes
Minutes
Minutes
00-59
2
X
X
10 Hours
Hours
Hour
00-23
3
X
X
X
X
X
Day
Day
01-07
4
X
X
10 Date
Date
Date
01-31
5
X
X
X
10 M.
Month
Month
01-12
6
10 Years
Years
Year
00-99
7
OUT
FT
S
Calibration
Control
Keys: S = SIGN Bit; FT = FREQUENCY TEST Bit; ST = STOP Bit; OUT = Output level; X = Don’t care.
Table 3. Register Map
2/15
MK41T56, MKI41T56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com