Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKI41T56 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MKI41T56
Description  512 bit 64b x8 Serial Access TIMEKEEPER SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MKI41T56 Datasheet(HTML) 4 Page - STMicroelectronics

  MKI41T56 Datasheet HTML 1Page - STMicroelectronics MKI41T56 Datasheet HTML 2Page - STMicroelectronics MKI41T56 Datasheet HTML 3Page - STMicroelectronics MKI41T56 Datasheet HTML 4Page - STMicroelectronics MKI41T56 Datasheet HTML 5Page - STMicroelectronics MKI41T56 Datasheet HTML 6Page - STMicroelectronics MKI41T56 Datasheet HTML 7Page - STMicroelectronics MKI41T56 Datasheet HTML 8Page - STMicroelectronics MKI41T56 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±10
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
µA
ICC1
Supply Current
SCL/SDA = VCC–0.3V
1
mA
ICC2
Supply Current (Standby)
1
mA
VIL
Input Low Voltage
–0.3
1.5
V
VIH
Input High Voltage
3
VCC + 0.8
V
VOL
Output Low Voltage
IOL = 5mA, VCC = 4.5V
0.4
V
VBAT
(1)
Battery Supply Voltage
2.6
3
3.5
V
IBAT
Battery Supply Current
TA = 25
°C, VCC = 0V,
Oscillator ON, VBAT = 3V
450
500
nA
Note: 1. The RAYOVAC BR1225 or equivalent is recommended as the battery supply.
Table 6. DC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 4.5V to 5.5V)
Symbol
Parameter
Min
Max
Unit
CIN
Input Capacitance (SCL)
7
pF
COUT
(2)
Output Capacitance (SDA, FT/OUT)
10
pF
Notes: 1. Effective capacitance measured with power supply at 5V.
2. Sampled, not 100% tested.
3. Outputs deselected.
Table 5. Capacitance (1,2)
(TA = 25
°C, f = 1 MHz )
Symbol
Parameter
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
1.2 VBAT
1.25 VBAT
1.285 VBAT
V
VSO
Battery Back-up Switchover Voltage
VBAT
V
Note: 1. All voltages referenced to VSS.
Table 7. Power Down/Up Trip Points DC Characteristics (1)
(TA = 0 to 70
°C or –40 to 85°C)
Symbol
Parameter
Min
Typ
Max
Unit
fO
Resonant Frequency
32.768
kHz
RS
Series Resistance
35
k
Ω
CL
Load Capacitance
12.5
pF
Notes:
Load capacitors are integrated within the MK41T56. Circuit board layout considerations for the 32.768 kHz crystal of
minimum trace lengths and isolation from RF generating signals should be taken into account.
STMicroelectronics recommends the ECS-.327-12.5-8SP-2 quartz crystal is recommended for industrial temperature operations.
ESC Inc. can be contacted at 800-237-1041 or 913-782-7787 for further information on this crystal type.
Table 8. Crystal Electrical Characteristics
(Externally Supplied)
4/15
MK41T56, MKI41T56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com