Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKI41T56 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MKI41T56
Description  512 bit 64b x8 Serial Access TIMEKEEPER SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MKI41T56 Datasheet(HTML) 3 Page - STMicroelectronics

  MKI41T56 Datasheet HTML 1Page - STMicroelectronics MKI41T56 Datasheet HTML 2Page - STMicroelectronics MKI41T56 Datasheet HTML 3Page - STMicroelectronics MKI41T56 Datasheet HTML 4Page - STMicroelectronics MKI41T56 Datasheet HTML 5Page - STMicroelectronics MKI41T56 Datasheet HTML 6Page - STMicroelectronics MKI41T56 Datasheet HTML 7Page - STMicroelectronics MKI41T56 Datasheet HTML 8Page - STMicroelectronics MKI41T56 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data retention time is in excess of 10 years with a
50mAh 3V lithium cell. The MK41T56 is supplied in
8 pin Plastic Dual-in-Line and 8 lead Plastic SOIC
packages.
OPERATION
The MK41T56 clock operates as a slave device on
the serial bus. Access is obtained by implementing
a start condition followed by the correct slave ad-
dress (11010000). The 64 bytes contained in the
device can then be accessed sequentially in the
following order:
1.
Seconds Register
2.
Minutes Register
3.
Hours Register
4.
Day Register
5.
Date Register
6.
Month Register
7.
Years Register
8.
Control Register
9 to 64.
RAM
DESCRIPTION (cont’d)
AI01019
5V
OUT
CL = 100pF
CL includes JIG capacitance
1.8k
Ω
DEVICE
UNDER
TEST
1k
Ω
Figure 4. AC Testing Load Circuit
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
Note that Output Hi-Z is defined as the point where data is no
longer driven.
Table 4. AC Measurement Conditions
AI00586C
SECONDS
OSCILLATOR
32.768 kHz
VOLTAGE
SENSE
and
SWITCH
CIRCUITRY
SERIAL
BUS
INTERFACE
DIVIDER
CONTROL
LOGIC
ADDRESS
REGISTER
MINUTES
HOURS
DAY
DATE
MONTH
YEAR
CONTROL
RAM
(56 x 8)
OSCI
OSCO
FT/OUT
VCC
VSS
VBAT
SCL
SDA
1 Hz
Figure 3. Block Diagram
3/15
MK41T56, MKI41T56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com