Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK5027DIP Datasheet(PDF) 2 Page - STMicroelectronics

Part # MK5027DIP
Description  SS7 SIGNALLING LINK CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK5027DIP Datasheet(HTML) 2 Page - STMicroelectronics

  MK5027DIP Datasheet HTML 1Page - STMicroelectronics MK5027DIP Datasheet HTML 2Page - STMicroelectronics MK5027DIP Datasheet HTML 3Page - STMicroelectronics MK5027DIP Datasheet HTML 4Page - STMicroelectronics MK5027DIP Datasheet HTML 5Page - STMicroelectronics MK5027DIP Datasheet HTML 6Page - STMicroelectronics MK5027DIP Datasheet HTML 7Page - STMicroelectronics MK5027DIP Datasheet HTML 8Page - STMicroelectronics MK5027DIP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Table 1: Pin Description.
LEGEND:
I
Input only
O
Output only
IO
Input/Output
3S
3-State
OD
Open Drain (no internal pull-up)
Signal Name
Pin(s)
Type
Descriplion
DAL<15:00>
2-9
40-47
IO/3S
The time multiplexed Data Address bus. During the address portion of a
memory transfer, DALe15:00 contains the lower 16 bits of the memory
address.
During the data portion of a memory transfer, DAL<15:00> contains the
read or write data, depending on the type of transfer.
READ
10
IO/3S
READ indicates the type of operation that the bus controller is performing
during a bus transaction. READ is driven by the MK5027 only while it is
the BUS MASTER. READ is valid during the entire bus transaction and is
tristated at all other times.
MK5027 as a Bus Slave:
READ = HIGH - Data is placed on the DAL lines by the chip.
READ = LOW - Data is taken off the DAL lines by the chip.
MK5027 as a Bus Master:
READ = HIGH - Data is taken off the DAL lines by the chip.
READ = LOW - Data is placed on the DAL lines by the chip.
INTR
11
O/OD
INTERRUPT is an attention interrupt line that indicates that one or more of
the following CSR0 status flags is set: MISS, MERR, RINT, TINT or PINT.
INTERRUPT is enabled by CSR0<0.9>, INEA = 1.
DALI
12
O/3S
DAL IN is an external bus transceiver control line. DALI is driven by the
MK5027 only while it is the BUS MASTER. DALI is asserted by the
MK5027 when | ads from the DAL lines during the data portion of a READ
transfer. DALI is not asserted during a WRITE transfer.
DALO
13
O/3S
DAL OUT is an external bus transceiver control line. DALO is driven by
the MK5027 only while it is the BUS MASTER. DALO is asserted by the
MK5027 when it drives the DAL lines during the address portion of a
READ transfer or for the duration of a WRITE transfer.
DAS
14
IO/3S
DATA STROBE defines the data portio,n of a transaction. By definition,
data is stable and valid at the low to high transition of DAS. This signal is
driven by the MK5027 while it is the BUS MASTER. During the BUS
SLAVE operation, this pin is used as an input. At all other times the signal
is tristated.
BMO
BYTE
BUSREL
15
IO/3S
I/O pins 15 and 16 are programmable through CSR4. If bit 06 of CSR4 is
set to a one, pin 15 becomes input BUSREL and is used by the host to
signal the MK5027 to terminate a DMA burst after the current bus transfer
has completed. If bit 06 is clear the pin 15 is an output and behaves as
described below for pin 16.
Note: Pin out shown is for 48 pin dip.
MK5027
2/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com