Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK5027DIP Datasheet(PDF) 6 Page - STMicroelectronics

Part # MK5027DIP
Description  SS7 SIGNALLING LINK CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK5027DIP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MK5027DIP Datasheet HTML 2Page - STMicroelectronics MK5027DIP Datasheet HTML 3Page - STMicroelectronics MK5027DIP Datasheet HTML 4Page - STMicroelectronics MK5027DIP Datasheet HTML 5Page - STMicroelectronics MK5027DIP Datasheet HTML 6Page - STMicroelectronics MK5027DIP Datasheet HTML 7Page - STMicroelectronics MK5027DIP Datasheet HTML 8Page - STMicroelectronics MK5027DIP Datasheet HTML 9Page - STMicroelectronics MK5027DIP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
OPERATIONAL DECRIPTION
The SGS-THOMSON Signalling System #7 Sig-
nalling Link Controller (MK5027) device is a VLSI
product intended for data communication applica-
tions requiring SS7 link level control. The MK5027
will perform all frame formatting, such as: frame
delimiting with flags, FCS generation and detec-
tion. It will also perform all error recovery and link
control. The MK5027 also includes a buffer man-
agement mechanism that allow the user to trans-
mit and/or receive multiple MSU’s. Contained in
the buffer management is an on-chip dual chan-
nel DMA: one channel for receive and one chan-
nel for transmit. The MK5027 handles error recov-
ery and link status signalling.
The MK5027 is intended to be used with any
popular 16 or 8 bit microprocessor. Possible sys-
tem configuration for the MK5027 is shown in Fig-
ure 2. The MK5027 will move multiple blocks of
receive and transmit data directly into and out of
memory through the host’s bus. An I/O accelera-
tion processor in Figure 2 is recommended, but
not required.
DAS
READ
READY
FI RMWARE
ROM
MICRO
CONTROLLER
TIMERS
DMA
CONTROLLER
CONTROL / STATUS
REGISTERS 0 - 5
SYSCLK
INTERNAL BUS
RECEIVER
FIFO
TRANSMITTER
FIFO
RECEIVER
TRANSMITTER
LOOPBACK
TEST
RD
RCLK
TCLK
TD
VSS - GND
RESET
VCC
Figure 3: MK5027 Simplified Block Diagram.
MK5027
6/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com