Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK5027DIP Datasheet(PDF) 4 Page - STMicroelectronics

Part # MK5027DIP
Description  SS7 SIGNALLING LINK CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK5027DIP Datasheet(HTML) 4 Page - STMicroelectronics

  MK5027DIP Datasheet HTML 1Page - STMicroelectronics MK5027DIP Datasheet HTML 2Page - STMicroelectronics MK5027DIP Datasheet HTML 3Page - STMicroelectronics MK5027DIP Datasheet HTML 4Page - STMicroelectronics MK5027DIP Datasheet HTML 5Page - STMicroelectronics MK5027DIP Datasheet HTML 6Page - STMicroelectronics MK5027DIP Datasheet HTML 7Page - STMicroelectronics MK5027DIP Datasheet HTML 8Page - STMicroelectronics MK5027DIP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Table 1: Pin Description (continued)
Signal Name
Pin(s)
Type
Descriplion
CS
20
I
CHIP SELECT indicates, when low, that the MK5027 is the slave device
for the data transfer.CS must be valid througout the enture transaction.
ADR
21
I
ADDRESS selects the Register Address Port or the Register Data Port. It
must be valid throughout the data portion of the transfer and is only used
by the chip when CS is low.
ADR
PORT
LOW
REGISTER DATA PORT
HIGH
REGISTER ADDRESS PORT
READY
22
IO/OD
When the MK5027 is a Bus Master, READY is an asynchronous
acknowledgement from the bus memory that memory will accept data in a
WRITE cycle or that memory has put data on the DAL lines in a READ
cycle.
As a bus Slave, the MK5027 asserts READY when it has put data on the
DAL lines during a READ cycle or is about to take data from the DAL lines
during WRITE cycle. READY is a response to DAS and it will be released
after DAS or CS is negated.
RESET
23
I
RESET is the Bus signal that will cause MK5027 to cease operation, clear
its internal logic and enter an idle state with the Power Off bit of CSR0 set.
TCLK
25
I
TRANSMIT CLOCK. A 1x clock input for transmitter timing. TD changes
on the falling edge of TCLK. The frequency of TCLK may not be greater
than the frequency of SYSCLK.
DTR
RTS
26
IO
DATA TERMINAL READY, REQUEST TO SEND. Modem control pin. Pin
26 is configurable through CSR5. This pin can be programmed to behave
as output RTS or as programmable IO pin DTR. If configured as RTS, the
MK5027 will assert this pin if it has data to send and throughout the
transmission of a signal unit.
RCLK
27
I
RECEIVE CLOCK. A 1x clock input for receiver timing. RD is sampled on
the rising edge of RCLK. The frequency of RCLK may not be greater than
the frequency of SYSCLK.
SYSCLK
28
I
SYSTEM CLOCK. System clock used for internal timing of the MK5027.
SYSCLK should be a square wave, of frequency up to 10MHz.
TD
29
O
TRANSMIT DATA. Transmit serial data output.
DSR
CTS
30
IO
DATA SET READY, CLEAR TO SEND. Modem Control Pin. Pin 30 is
configurable through CSR5. This pin can be programmed to behave as
input CTS or as programmable IO pin DSR. If configured as CTS, the
MK5027 will transmit all ones while CTS is high.
RD
31
I
RECEIVE DATA. Received serial data input.
A<23:16>
32-39
O/3S
Address bits <23:16> used in conjunction with DAL <15:00> to produce a
24 bit address. MK5027 drives these lines only as a Bus Master.
A23-A20 may be driven continuously as described in the CSR4<7> BAEN
bit.
VSS-GND
1, 24
Ground Pins
VCC
48
Power Supply Pin
+5.0 VDC
± 5%
MK5027
4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com