Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H27PLCC Datasheet(PDF) 18 Page - STMicroelectronics

Part # MK50H27PLCC
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27PLCC Datasheet(HTML) 18 Page - STMicroelectronics

Back Button MK50H27PLCC Datasheet HTML 14Page - STMicroelectronics MK50H27PLCC Datasheet HTML 15Page - STMicroelectronics MK50H27PLCC Datasheet HTML 16Page - STMicroelectronics MK50H27PLCC Datasheet HTML 17Page - STMicroelectronics MK50H27PLCC Datasheet HTML 18Page - STMicroelectronics MK50H27PLCC Datasheet HTML 19Page - STMicroelectronics MK50H27PLCC Datasheet HTML 20Page - STMicroelectronics MK50H27PLCC Datasheet HTML 21Page - STMicroelectronics MK50H27PLCC Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
to continuously transmit SIOS signal units.
2
Init: instructs the MK50H27 to read the initialization block from memory.
Valid only in the Power Off mode.
3
Trans: instructs the MK50H27 to enter the HDLC Transparent phase of
operation. Data frames are transmitted and received out of the de-
scriptor rings but no protocol processing is done. Address and
Control fields are not prepended to the frames, but CK processing
works normally. HDLC Transparent Mode may be exited only with a
Power Off primitive or by a bus RESET. Valid only in the Power Off
phase.
4
Status Request: instructs the MK50H27 to write the current link status
into the STATUS BUFFER.
Valid in
all
states,
but
only after
the Init primitive has been previously issued.
5
Self-Test Request: instructs the MK50H27 to perform the built in
internal self test. Valid only in the Power Off phase. See section 4.4.8
for the self test procedure.
6
Stop: forces all DMA activity to cease. Causes the MK50H27 to enter the
Out of Service phase and to continuously transmit SIOS signal units.
Valid in all phases except the Power Off and Out of Service phase.
7
Start: initial alignment begins and the descriptor rings are reset. Start
should only be issued when in the Out of Service phase, after the in-
itialization block has been read.
8
Local Processor Outage: issued to the MK50H27 to indicate that level
3 or higher levels cannot accept signalling messages. All subsequent
MSU’s are ignored by the MK50H27 & SIPO signal units are transmit-
ted.
9
Local Processor Recovered: indicates end of Local Processor Outage
condition. The MK50H27 may resume transmitting FISUs and MSUs.
10
Emergency: indicates that the emergency proving period is to be used
for initial alignment.
11
Emergency Ceases: Indicates that the normal proving period is to be
used for initial alignment (this is the default proving period).
12
Retrieve BSNT: causes the entire STATUS BUFFER to be updated
including the last transmitted Backward Sequence Number (BSNT).
When completed, PPRIM 18 will be issued.
13
Retrieval request and FSNC: indicates that the FSNC has been
written to the Status Buffer and requests the MK50H27 to update the
retransmission buffer. The MK50H27 should then place
the up-
dated retransmission index into the Status Buffer.
14
Congestion: causes the MK50H27 to enter a congestion state and send
SIB signal units at T5 timer interval. It is recommended that the DRX
bit in CSR0 also be set when issuing this primitive so that MSUs can-
not be received during congestion.
15
Clear Congestion: This primitive should be used only to clear the
Congestion state caused by UPRIM 14. If DRX is set, it should be
cleared just prior to issuing this primitive. If congestion state was en-
tered due to a MISSed signal unit then the congestion state should be
cleared by clearing MISS.
16
Start Sending SIOS: If JSS7E=1, this primitive can be used to resume
sending of SIOS signal units, stopped by issuance of UPRIM 17. Valid
only in Out Of Service phase when JSS7E=1 (CSR2).
17
Stop Sending SIOS: If JSS7E=1, this primitive can be used to stop the
transmission of SIOS signal units while the MK50H27 is in the Out of
Service phase.
TTC specification JT-Q703 requires that transmission
of SIOS stop some period of time after going Out Of Service; this primi-
tive provides the mechanism for meeting that requiremnt. Transmis-
MK50H27
18/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com