Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H27PLCC Datasheet(PDF) 19 Page - STMicroelectronics

Part # MK50H27PLCC
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27PLCC Datasheet(HTML) 19 Page - STMicroelectronics

Back Button MK50H27PLCC Datasheet HTML 15Page - STMicroelectronics MK50H27PLCC Datasheet HTML 16Page - STMicroelectronics MK50H27PLCC Datasheet HTML 17Page - STMicroelectronics MK50H27PLCC Datasheet HTML 18Page - STMicroelectronics MK50H27PLCC Datasheet HTML 19Page - STMicroelectronics MK50H27PLCC Datasheet HTML 20Page - STMicroelectronics MK50H27PLCC Datasheet HTML 21Page - STMicroelectronics MK50H27PLCC Datasheet HTML 22Page - STMicroelectronics MK50H27PLCC Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
sion of SIOS can be resumed by issuing UPRIM 16 described above.
Valid only in Out Of Service phase when JSS7E=1 (CSR2).
07
PLOST
PROVIDER PRIMITIVE LOST is set by MK50H27 when a provider
primitive cannot be issued because the PAV bit is still set from the pre-
vious provider primitive. PLOST is cleared when PAV is cleared and
by a Bus RESET. Writing to this bit has no affect.
06
PAV
PROVIDER PRIMITIVE AVAILABLE is set by the MK50H27 when a
new provider primitive has been placed in PPRIM.
PPRIM is
READ/CLEAR ONLY and is set by the chip and cleared by writing a ”1”
to the bit or by Bus RESET. Under normal operation the host should
clear the PAV bit after PPRIM is read.
05:00
PPRIM
PROVIDER PRIMITIVE is written by the MK50H27, in conjunction
with setting the PAV bit, to inform the user of link control
condi-
tions.
Valid Provider Primitives are as follows:
0
Init Confirmation: indicates that the initialization has completed.
1
In Service: indicates that alignment has completed successfully.
2
In Service Yellow: indicates alignment completed succesfully with CCITT
Yellow Book definitions for SINs & SIEs (SF = 9 & 10 respectively).
This primitive will occur only if enabled by RYEL=1 in Protocol Options.
3
Transmit Clock Watchdog Timer Expired: indicates that the watchdog
timer for TCLK has expired due to no transition on TCLK for more than
the number of SYSCLK cycles as selected by CSR4<15:14>.
4
Receive Clock Watchdog Timer Expired: indicates that the watchdog
timer for RCLK has expired due to no transition on RCLK for more than
the number of SYSCLK cycles as selected by CSR4<13:12>.
5
Received SU Timer timeout: indicates that no signal units have been
received within the previous 32xTP time (where TP is the poll timer).
This primitive is only issued if RSUTE=1 (CSR2<12>).
8
Alignment Out of Service: indicates that a transfer to Out of Service
phase has occured, due to an alignment failure.
Alignment will fail if
AERM is exceeded, timer T2 times out, or timer T3 times out.
9
LSSU Out of Service: indicates that a transfer to the Out of Service
phase has occured, due to a received LSSU.
10
T1 Out of Service: indicates that a transfer to the Out of Service
phase has occured, due to a timer T1 time out.
11
Transmit Out of Service: indicates that a transfer to the Out of
Service phase has occured, due to a transmit link failure. The trans-
mit link will fail if timers T6 or T7 time out.
‘
12
Receive Out of Service: indicates that a transfer to the Out of Service
phase has occured due to receive link failure. A receive link failure will
occur when more than 2 out of 3 signal units have a FIB or BSN error.
13
SUERM Out of Service: indicates that a transfer to the Out of Service
phase has occured, due to SUERM being exceeded.
16
Remote Processor Outage: indicates that a SIPO has been received
indicating that a remote processor outage condition has occured.
17
Remote Processor Outage Recovered: an FISU or an MSU has been
received since remote processor outage condition has been reported.
18
Received message BSNT: indicates that the MK50H27 has written the
BSNT to the Status Buffer as requested by UPRIM 12.
19
Retrieval complete: retrieval request and FSNC completed successfully.
The pointer to the retransmission buffer is available in STATUS buffer.
20
Remote Processor Busy: an SIB has been received indicating that
the remote node has entered into congestion.
21
Remote Processor Busy Recovered: the remote node has acknowledged
MK50H27
19/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com