Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H27PLCC Datasheet(PDF) 29 Page - STMicroelectronics

Part # MK50H27PLCC
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27PLCC Datasheet(HTML) 29 Page - STMicroelectronics

Back Button MK50H27PLCC Datasheet HTML 25Page - STMicroelectronics MK50H27PLCC Datasheet HTML 26Page - STMicroelectronics MK50H27PLCC Datasheet HTML 27Page - STMicroelectronics MK50H27PLCC Datasheet HTML 28Page - STMicroelectronics MK50H27PLCC Datasheet HTML 29Page - STMicroelectronics MK50H27PLCC Datasheet HTML 30Page - STMicroelectronics MK50H27PLCC Datasheet HTML 31Page - STMicroelectronics MK50H27PLCC Datasheet HTML 32Page - STMicroelectronics MK50H27PLCC Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
4.2.3 Protocol Parameters
PARM
DESCRIPTION
PO
PROTOCOL OPTIONS. Defines the SS7 protocol options to be used.
BIT
NAME
DEFINITION
00
DBUSY
DBUSY = 1: Disables busy mechanisms on both transmit and receive.
Missed MSU interrupts (CSR0<06>, MISS) are not affected by this bit.
01
XYEL
XYEL= 0: Transmitted SINs and SIEs conform to CCITT
Red/Blue Book definitions (SF = 1 and 2 respectively). XYEL= 1:
Transmitted SINs and SIEs conform to CCITT Yellow Book defini-
tions (SF = 9 & 10 respectively).
02
RYEL
RYEL= 0: Only CCITT Red/Blue Book definitions for received SINs
and SIEs are accepted.
RYEL= 1: Either CCITT Yellow or Red/Blue Book definitions for re-
ceived SINs and SIEs are accepted.
03
RMODE Defines the retransmission method to be used.
RMODE = 0: specifies Basic Error Recovery (BEC).
RMODE = 1: specifies Preventive Cyclic Redundancy(PCR).
04
BECDOUBLE Provides double transmission of all MSUs in BEC. All MSU’s
including those sent during negative acknowledgement are transmit-
ted twice. If RMODE= 0 then the following definitions apply:
BECDOUBLE = 0: specifies normal BEC.
BECDOUBLE = 1: specifies BEC with doubletransmission.
NOTE: BECDOUBLE must be 0 if RMODE = 1.
05
ERMEN Enables the AERM and SUERM error rate monitors.
ERMEN = 0: disables the AERM and SUERM.
ERMEN = 1: enables the AERM and SUERM.
06
OCTEN Enables octet counting.
OCTEN = 0: disables octet counting.
OCTEN = 1: enables octet counting.
07
2/3EN
Enables 2/3 errored FIB/BSN error monitoring.
2/3EN = 0: disables 2/3 error monitoring.
2/3EN = 1: enables 2/3 error monitoring.
08
ANSIT6/T7 Selects ANSI or ITU compliance for SS7 T6 & T7 timers
ANSIT6/T7 =0: T6 & T7 timer operation complies with ITU Q.703
ANSIT6/T7 =1: T6 & T7 timer operation complies with ANSI T1.111.3
15-09
RESERVED Must be programmed with all zeroes.
15
15
15
15
0
0
0
0
IADR + 26
IADR + 28
IADR + 30
IADR + 32
IADR + 34
0
14
m
0
Tin
Tie
87
D
TM
87
PO
MK50H27
29/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com