Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP93A8EWP-RWC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP93A8EWP-RWC
Description  T-1 (3mm) RIGHT ANGLE LED INDICATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP93A8EWP-RWC Datasheet(HTML) 3 Page - Kingbright Corporation

  WP93A8EWP-RWC Datasheet HTML 1Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 2Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 3Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 4Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 5Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 6Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAH7979
REV NO: V.1
DATE: SEP/29/2007
PAGE: 3 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.WANG
ERP: 1102010363
Brightness codes
luminous Intensity
Note1
Iv(mcd) @ 20mA
Φv (mlm)
Note2
@ 20mA
Code.
Min.
Max.
Typ.
W
1500
2100
1000
X
1800
2500
1200
Y
2200
3000
1400
Z
2500
3300
1600
ZA
2800
3800
1900
ZB
3300
4500
2200
ZC
3800
5500
2600
ZD
4700
6500
3200
ZE
5700
7500
3800
ZF
6700
8500
4400
ZG
7500
10000
5000
ZH
8000
12000
5700
White
WP93A8EWP/RWC/Z-TG0L
Notes:
1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the
typical data. For the purpose of product enhancement, the typical data is subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com