Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP93A8EWP-RWC Datasheet(PDF) 5 Page - Kingbright Corporation

Part # WP93A8EWP-RWC
Description  T-1 (3mm) RIGHT ANGLE LED INDICATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP93A8EWP-RWC Datasheet(HTML) 5 Page - Kingbright Corporation

  WP93A8EWP-RWC Datasheet HTML 1Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 2Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 3Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 4Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 5Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 6Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPEC NO: DSAH7979
REV NO: V.1
DATE: SEP/29/2007
PAGE: 5 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.WANG
ERP: 1102010363
White CIE
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.21 0.22 0.23 0.24 0.25 0.26 0.27 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38
a0
a1
b1
X
0.264 0.283 0.296
0.280
X
0.248 0.275 0.283
0.264
X
0.283 0.330 0.330
0.287
Y
0.267 0.305 0.276
0.248
Y
0.286 0.321 0.305
0.267
Y
0.305 0.360 0.339
0.295
Reference CCT: 14000~9000k
Reference CCT: 14000~9000k
Reference CCT: 9000~5600k
b2
b3
b4
X
0.287 0.330 0.330
0.296
X
0.275 0.298 0.306
0.283
X
0.298 0.321 0.330
0.306
Y
0.295 0.339 0.318
0.276
Y
0.321 0.350 0.332
0.305
Y
0.350 0.379 0.360
0.332
Reference CCT: 9000~5600k
Reference CCT: 9000~7000k
Reference CCT: 7600~5600k
c0
c1
X
0.330 0.361 0.356
0.330
X
0.321 0.366 0.361
0.330
Y
0.360 0.385 0.351
0.318
Y
0.379 0.419 0.385
0.360
Reference CCT: 5600~4600k
Reference CCT: 6000~4600k
a1
a0
b3
b1
b2
b4
c0
c1
WP93A8EWP/RWC/Z-TG0L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com