Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP93A8EWP-RWC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP93A8EWP-RWC
Description  T-1 (3mm) RIGHT ANGLE LED INDICATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP93A8EWP-RWC Datasheet(HTML) 1 Page - Kingbright Corporation

  WP93A8EWP-RWC Datasheet HTML 1Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 2Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 3Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 4Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 5Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 6Page - Kingbright Corporation WP93A8EWP-RWC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAH7979
REV NO: V.1
DATE: SEP/29/2007
PAGE: 1 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.WANG
ERP: 1102010363
Description
The source color devices are made with InGaN Light Emitting
Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Part Number: WP93A8EWP/RWC/Z-TG0L
WHITE
Features
I.C. COMPATIBLE.
BLACK CASE ENHANCES CONTRAST RATIO.
HIGH RELIABILITY LIFE MEASURED IN YEARS.
HOUSING MATERIAL: PPA
PACKAGE : 500PCS / REEL.
HIGH TEMPERATURE RESISTANT HOUSING.
HIGH GLASS TRANSITION TEMPERATURE EPOXY.
MOISTURE SENSITIVITY LEVEL : LEVEL 1.
ELECTROSTATIC DISCHARGE THRESHOLD (HBM):1000V.
TYP. COLOR TEMPERATURE:6500K.
COLOR COORDINATES:X=0.31,Y=0.31 ACC. TO
CIE1931(WHITE).
OPTICAL EFFICIENCY: 39.1 lm/W(TYP.)
COLOR REPRODUCTION INDEX:80.
RoHS COMPLIANT.
Package Dimensions
Applications
Furniture lighting
Outdoor displays
Optical indicators
Signal and symbol luminaire
Marker lights (e.g. steps, exit ways, etc.)
Lighting for special effects (e.g. starry sky)
Substitute for miniature flashlight
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
PRELIMINARY SPEC
T-1 (3mm) RIGHT ANGLE LED INDICATOR
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.


Similar Part No. - WP93A8EWP-RWC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP93A8EWP-GDTG0L KINGBRIGHT-WP93A8EWP-GDTG0L Datasheet
174Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP93A8EWP-IDTG0L KINGBRIGHT-WP93A8EWP-IDTG0L Datasheet
173Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP93A8EWP-YDTG0L KINGBRIGHT-WP93A8EWP-YDTG0L Datasheet
155Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
More results

Similar Description - WP93A8EWP-RWC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP93A8EWP-GDTG0L KINGBRIGHT-WP93A8EWP-GDTG0L Datasheet
174Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP93A8EWP-IDTG0L KINGBRIGHT-WP93A8EWP-IDTG0L Datasheet
173Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP130WDT-EGW KINGBRIGHT-WP130WDT-EGW Datasheet
299Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP130WDT-EYW KINGBRIGHT-WP130WDT-EYW Datasheet
300Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934CB-YD KINGBRIGHT-WP934CB-YD Datasheet
77Kb / 3P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934EW-SRD KINGBRIGHT-WP934EW-SRD Datasheet
251Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934RS-SRD KINGBRIGHT-WP934RS-SRD Datasheet
253Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934ZH-YD KINGBRIGHT-WP934ZH-YD Datasheet
260Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP93A8EWP KINGBRIGHT-WP93A8EWP Datasheet
256Kb / 7P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934TV-4LID KINGBRIGHT-WP934TV-4LID Datasheet
322Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com