Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575B Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7575B Datasheet HTML 8Page - STMicroelectronics TDA7575B Datasheet HTML 9Page - STMicroelectronics TDA7575B Datasheet HTML 10Page - STMicroelectronics TDA7575B Datasheet HTML 11Page - STMicroelectronics TDA7575B Datasheet HTML 12Page - STMicroelectronics TDA7575B Datasheet HTML 13Page - STMicroelectronics TDA7575B Datasheet HTML 14Page - STMicroelectronics TDA7575B Datasheet HTML 15Page - STMicroelectronics TDA7575B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Electrical characteristics curves
TDA7575B
12/32
Figure 9.
Distortion vs. output power
Figure 10. Distortion vs. output power
Figure 11. Distortion vs. output power
Figure 12. Distortion vs. frequency
Figure 13.
Distortion vs. output voltage
(LD mode)
Figure 14. Cross talk vs. frequency
0.001
0.01
0.1
1
10
0.1
1
10
100
THD (%)
Po (W)
STD mode
Vs=14.4V
RL=4 Ohm
f=10 KHz
f=1 KHz
0.001
0.01
0.1
1
10
0.1
1
10
100
THD (%)
Po (W)
STD mode
Vs=14.4V
RL=4 Ohm
f=10 KHz
f=1 KHz
0.001
0.01
0.1
1
10
0.1
1
10
100
THD (%)
Po (W)
STD mode
Vs=14.4V
RL=2 Ohm
f=10 KHz
f=1 KHz
0.001
0.01
0.1
1
10
0.1
1
10
100
THD (%)
Po (W)
STD mode
Vs=14.4V
RL=2 Ohm
f=10 KHz
f=1 KHz
0.01
0.1
1
10
0.1
1
10
100
THD (%)
Po (W)
STD mode
Vs=14.4V
RL=1 Ohm
f=10 KHz
f=1 KHz
0.01
0.1
1
10
0.1
1
10
100
THD (%)
Po (W)
STD mode
Vs=14.4V
RL=1 Ohm
f=10 KHz
f=1 KHz
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
f (Hz)
THD (%)
1
Ω - 40W
2
Ω - 24W
4
Ω - 12W
Vs=14.4V
STD mode
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
f (Hz)
THD (%)
1
Ω - 40W
2
Ω - 24W
4
Ω - 12W
Vs=14.4V
STD mode
0.001
0.01
0.1
1
10
01
23
45
67
89
10
11 12
THD (%)
Vout
LD mode
Vs=14.4V
RL=100 Ohm
f=1 KHz
f=10 KHz
0.001
0.01
0.1
1
10
01
23
45
67
89
10
11 12
THD (%)
Vout
LD mode
Vs=14.4V
RL=100 Ohm
f=1 KHz
f=10 KHz
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
CROSSTALK (dB)
f (Hz)
STD mode
RL=2 Ohm
Rg=600 Ohm
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
CROSSTALK (dB)
f (Hz)
STD mode
RL=2 Ohm
Rg=600 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com