Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575B Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7575B Datasheet HTML 14Page - STMicroelectronics TDA7575B Datasheet HTML 15Page - STMicroelectronics TDA7575B Datasheet HTML 16Page - STMicroelectronics TDA7575B Datasheet HTML 17Page - STMicroelectronics TDA7575B Datasheet HTML 18Page - STMicroelectronics TDA7575B Datasheet HTML 19Page - STMicroelectronics TDA7575B Datasheet HTML 20Page - STMicroelectronics TDA7575B Datasheet HTML 21Page - STMicroelectronics TDA7575B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
I2C bus interface
TDA7575B
18/32
I2C PIN (PIN16) < 1.5V: I2C bus interface deactivated
I2C PIN (PIN16) > 2.5V: I2C bus interface activated
It is also possible to let I2C PIN floating to deactivate the I2C bus interface, or to short I2C
PIN to VCC to activate it.
In particular:
I2C ENABLED: I2C pin (PIN16) > 2.5V
–
STD MODE: Vstby (PIN5) > 3.5V, IB2(D1)=0
–HE MODE: Vstby (PIN5) > 3.5V, IB2(D1)=1
–PLAY MODE: Vmute (pin 4) >3.5V, IB1 (D2) = 1
The amplifier can always be switched off by putting Vstby to 0V, but with I
2C enabled it can
be turn on only through I2C (with Vstby>3.5V).
I2C DISABLED: I2C pin (PIN16) < 1.5V
–
STD MODE: 3.5V < st-by (PIN5) < 5
–HE MODE: Vstby (PIN5) > 7V
–PLAY MODE: Vmute (pin 4) >3.5V
For both STD and HE MODE the play/mute mode can be set acting on Vmute pin.
When I2C BUS is disabled, when a fault is detected PIN 14 (CD-OUT) is pulled down by the
internal logic circuitry. The faults detected are the short circuit to ground, to VCC and across
the load (after an aver current detection).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com