Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575B Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7575B Datasheet HTML 13Page - STMicroelectronics TDA7575B Datasheet HTML 14Page - STMicroelectronics TDA7575B Datasheet HTML 15Page - STMicroelectronics TDA7575B Datasheet HTML 16Page - STMicroelectronics TDA7575B Datasheet HTML 17Page - STMicroelectronics TDA7575B Datasheet HTML 18Page - STMicroelectronics TDA7575B Datasheet HTML 19Page - STMicroelectronics TDA7575B Datasheet HTML 20Page - STMicroelectronics TDA7575B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
TDA7575B
I2C bus interface
17/32
Figure 27.
Timing diagram on the I2C bus
Figure 28.
Timing acknowledge clock pulse
5.5
1
Ω capability setting
It is possible to drive 1
Ω load paralleling the outputs into a single channel.
In order to implement this feature, outputs are to be connected on the board as follows:
OUT1+ (PIN35 and PIN36) shorted to OUT2+ (PIN19 and PIN20)
OUT1- (PIN28 and PIN29) shorted to OUT2- (PIN26 and PIN27).
It is recommended to minimize the impedance on the board between OUT2 and the load in
order to minimize THD distortion. It is also recommended to control the maximum mismatch
impedance between VCC pins (PIN21/PIN22 respect to PIN33/PIN34) and between
PWGND pins (PIN24/PIN25 respect to PIN30/PIN31), mismatch that must not exceed a
value of 20 m
Ω.
With 1
Ω feature settled the active input is IN2 (PIN17 and PIN18), therefore IN1 pins should
be let floating.
It is possible to set the load capability acting on 1
Ω pin as follows:
1
Ω PIN (PIN15) < 1.5V: two channels mode (for a minimum load of 2Ω)
1
Ω PIN (PIN15) > 2.5V: one channel mode (for 1Ω load).
IT IS TO REMEMBER THAT 1
OHM FUNCTION IS A HARDWARE SELECTION.
Therefore it is recommended to leave 1
Ω PIN floating or shorted to GND to set the two
channels mode configuration, or to short 1
Ω PIN to V
CC to set the one channel (1Ω)
configuration.
5.6
I2C abilitation setting
It is possible to disable the I2C interface by acting on I2C PIN (PIN16) and control the
TDA7575B by means of the usual ST-BY and MUTE pins. In order to activate or deactivate
this feature, I2C PIN must be set as follows:
SCL
SDA
START
I2CBUS
STOP
D99AU1032
SCL
1
MSB
23789
SDA
START
ACKNOWLEDGMENT
FROM RECEIVER
D99AU1033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com