Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7850 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7850
Description  4 x 50 W MOSFET quad bridge power amplifier plus HSD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7850 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7850 Datasheet HTML 5Page - STMicroelectronics TDA7850 Datasheet HTML 6Page - STMicroelectronics TDA7850 Datasheet HTML 7Page - STMicroelectronics TDA7850 Datasheet HTML 8Page - STMicroelectronics TDA7850 Datasheet HTML 9Page - STMicroelectronics TDA7850 Datasheet HTML 10Page - STMicroelectronics TDA7850 Datasheet HTML 11Page - STMicroelectronics TDA7850 Datasheet HTML 12Page - STMicroelectronics TDA7850 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TDA7850
Electrical specifications
9/18
VAM in
VS automute threshold
(Amp: Mute)
Att 80dB; POref = 4W
(Amp: Play)
Att < 0.1dB; PO = 0.5W
6.5
7
7.5
8
V
Ipin23
Muting pin current
VMUTE = 1.5V
(Sourced Current)
712
18
μA
VMUTE = 3.5V
-5
18
μA
HSD section
Vdropout Dropout voltage
IO = 0.35A; VS = 9 to 16V
0.25
0.6
V
Iprot
Current limits
400
800
mA
Offset detector (Pin 25)
VM_ON
Mute voltage for DC offset
detection enabled
Vstby = 5V
8V
VM_OFF
6V
VOFF
Detected differential output offset Vstby = 5V; Vmute = 8V
±2
±3
±4
V
V25_T
Pin 25 voltage for detection =
TRUE
Vstby = 5V; Vmute = 8V
VOFF > ±4V
01.5
V
V25_F
Pin 25 Voltage for detection =
FALSE
Vstby = 5V; Vmute = 8V
VOFF > ±2V
12
V
1.
Saturated square wave output.
Table 4.
Electrical characteristics (continued)
(Refer to the test and application diagram, VS = 14.4V; RL = 4Ω; Rg = 600Ω; f = 1KHz;
Tamb = 25°C; unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com