Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7850 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7850
Description  4 x 50 W MOSFET quad bridge power amplifier plus HSD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7850 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7850 Datasheet HTML 7Page - STMicroelectronics TDA7850 Datasheet HTML 8Page - STMicroelectronics TDA7850 Datasheet HTML 9Page - STMicroelectronics TDA7850 Datasheet HTML 10Page - STMicroelectronics TDA7850 Datasheet HTML 11Page - STMicroelectronics TDA7850 Datasheet HTML 12Page - STMicroelectronics TDA7850 Datasheet HTML 13Page - STMicroelectronics TDA7850 Datasheet HTML 14Page - STMicroelectronics TDA7850 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TDA7850
Electrical specifications
11/18
3.4
Electrical characteristic curves
Figure 6.
Quiescent current vs. supply
voltage
Figure 7.
Output power vs. supply voltage
(RL = 4Ω)
Figure 8.
Output power vs. supply voltage
(RL = 2Ω)
Figure 9.
Distortion vs. output power
(RL = 4Ω)
Figure 10.
Distortion vs. output power
(RL = 2Ω)
Figure 11.
Distortion vs. frequency
(RL = 4Ω)
AC00064
Vs (V)
100
110
120
130
140
150
160
170
180
190
200
8
1012141618
Vi = 0
RL =
∞
Id (mA)
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
8
9
10
11
12
13
14
15
16
17
18
P
o (W)
V
s (V)
R
L= 4Ω
f = 1 KHz
Po-max
THD= 10%
THD= 1%
AC00064
AC00066
0
10
20
30
40
50
60
70
80
90
100
110
120
130
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
Po (W)
Po-max
THD=10%
THD=1%
R
L= 2Ω
f = 1 KHz
AC00067
0.001
0.01
0.1
1
10
0.1
1
10
100
P
o (W)
THD (%)
V
S = 14.4 V
R
L = 4Ω
f = 1 KHz
f = 10 KHz
AC00068
0.001
0.01
0.1
1
10
0.1
1
10
100
Po (W)
THD (%)
V
S = 14.4 V
RL = 2Ω
f = 10 KHz
f = 1 KHz
AC00069
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
f (Hz)
THD (%)
V
S = 14.4 V
R
L = 4Ω
P
o = 4 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com