Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7850 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7850
Description  4 x 50 W MOSFET quad bridge power amplifier plus HSD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7850 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7850 Datasheet HTML 8Page - STMicroelectronics TDA7850 Datasheet HTML 9Page - STMicroelectronics TDA7850 Datasheet HTML 10Page - STMicroelectronics TDA7850 Datasheet HTML 11Page - STMicroelectronics TDA7850 Datasheet HTML 12Page - STMicroelectronics TDA7850 Datasheet HTML 13Page - STMicroelectronics TDA7850 Datasheet HTML 14Page - STMicroelectronics TDA7850 Datasheet HTML 15Page - STMicroelectronics TDA7850 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Electrical specifications
TDA7850
12/18
Figure 12.
Distortion vs. frequency
(RL = 2Ω)
Figure 13.
Crosstalk vs. frequency
Figure 14.
Supply voltage rejection vs.
frequency
Figure 15.
Output attenuation vs. supply
voltage
Figure 16.
Power dissipation & efficiency vs.
output power (RL = 4Ω, SINE)
Figure 17.
Power dissipation & efficiency vs.
output power (RL = 2Ω, SINE)
AC00070
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
f (Hz)
THD (%)
V
S = 14.4 V
R
L = 2Ω
Po = 8 W
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
R
L = 4Ω
Po = 4 W
Rg = 600
Ω
f (Hz)
CROSSTALK (dB)
AC00071
AC00072
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
f (Hz)
SVR (dB)
Rg = 600Ω
Vripple = 1 Vrms
AC00073
-100
-80
-60
-40
-20
0
56
78
9
10
Vs (V)
OUTPUT ATTN (dB)
RL = 4
Ω
Po = 4 W ref
AC00074
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Ptot (W)
η (%)
Po (W)
0
10
20
30
40
50
60
70
80
90
Ptot
η
VS = 14.4 V
RL = 4 x 4
Ω
f = 1 KHz SINE
AC00075
0
20
40
60
80
100
120
140
160
180
0
5
10
15
20
25
30
35
40
45
50
55
0
10
20
30
40
50
60
70
80
90
Ptot (W)
η (%)
Po (W)
Ptot
η
VS = 14.4 V
RL = 4 x 2
Ω
f = 1 KHz SINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com